Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS87C1102 Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # GMS87C1102
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS87C1102 Datasheet(HTML) 4 Page - Hynix Semiconductor

  GMS87C1102 Datasheet HTML 1Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 2Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 3Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 4Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 5Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 6Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 7Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 8Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 89 page
background image
GMS81C1102 / GMS81C1202
Jan. 2002 ver 2.0
1
GMS81C1102 / GMS81C1202
CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
1. OVERVIEW
1.1 Description
The GMS81C1102 and GMS81C1202 are an advanced CMOS 8-bit microcontroller with 2K bytes of ROM. The Hynix
GMS81C1102 and GMS81C1202 are a powerful microcontroller which provides a highly flexible and cost effective solution
to many small applications. The GMS81C1102 and GMS81C1202 provide the following standard features: 2K bytes of
ROM, 128 bytes of RAM, 8-bit timer/counter, 8-bit A/D converter, 10-bit High Speed PWM Output, Programmable Buzzer
Driving Port (GMS81C1202 only), on-chip oscillator and clock circuitry. In addition, the GMS81C1102 and GMS81C1202
support power saving modes to reduce power consumption.
This document is only explained for the base of GMS81C1202, the eliminated functions are same as below.
1.2 Features
• 2K bytes On-chip Program Memory
• 128 Bytes of On-Chip Data RAM
• Minimum Instruction execution time:
- 500ns at 8MHz (2cycle NOP Instruction)
• 2.2V to 6.0V Wide Operating Range
• Basic Interval Timer
• Two 8-Bit Timer/ Counters
• 10-Bit High Speed PWM Output
• Two external interrupt ports
(GMS81C1102 has one external interrupt port)
• One Programmable Buzzer Driving port
(GMS81C1202 only)
• 15 Programmable I/O Lines
(GMS81C1102 has 11 programmable I/O lines)
• Seven Interrupt Sources
(GMS81C1102 has Six interrupt sources)
• 8-Channel 8-Bit On-Chip Analog to Digital Con-
verter
• Watch dog timer
• Oscillation :
- Crystal
- Ceramic Resonator
- External Oscillator
- RC Oscillation
• Power Down Mode
- STOP mode
- Wake-up Timer mode
- RC-WDT mode
• Power Fail Processor
( Noise Immunity Circuit )
1.3 Development Tools
The GMS800 family is supported by a full-featured macro
assembler, an in-circuit emulators CHOICE-Dr.™, and
add-on board type OTP writer Dr.Writer™ .
The availability of OTP devices is especially useful for
customers expecting frequent code changes and updates.
The OTP devices, packaged in plastic packages, permit the
user to program them once.
Device name
ROM Size
RAM Size
I/O
BUZ
INT1
Package
GMS81C1102
2K bytes
128 bytes
11
NO
NO
16DIP/SOP
GMS81C1202
2K bytes
128 bytes
15
YES
YES
20DIP/SOP
GMS87C1102
2K bytes(OTP)
128 bytes
11
NO
NO
16DIP/SOP
GMS87C1202
2K bytes(OTP)
128 bytes
15
YES
YES
20DIP/SOP
In Circuit Emulator
CHOICE-Dr.
Assembler
Hynix Semiconductor
Macro Assembler
OTP Writer
Dr.Writer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com