Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS87C4060 Datasheet(PDF) 89 Page - Hynix Semiconductor

Part # GMS87C4060
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS87C4060 Datasheet(HTML) 89 Page - Hynix Semiconductor

Back Button GMS87C4060 Datasheet HTML 85Page - Hynix Semiconductor GMS87C4060 Datasheet HTML 86Page - Hynix Semiconductor GMS87C4060 Datasheet HTML 87Page - Hynix Semiconductor GMS87C4060 Datasheet HTML 88Page - Hynix Semiconductor GMS87C4060 Datasheet HTML 89Page - Hynix Semiconductor GMS87C4060 Datasheet HTML 90Page - Hynix Semiconductor GMS87C4060 Datasheet HTML 91Page - Hynix Semiconductor GMS87C4060 Datasheet HTML 92Page - Hynix Semiconductor GMS87C4060 Datasheet HTML 93Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 102 page
background image
PRELIMINARY
GMS81C4040/87C4060
Nov. 1999 Ver 1.0
PRELIMINARY
85
*1: Low = Input Low Voltage = VIL(<0.8V)
*2: High = Input High Value = VIL(>2.0V)
*3: In Gang Write Mode, All OTPs are programmed sim-
ulaneously. So all signals of OTPs are in the same condi-
tion
*4: In Gang Verify mode, the VPP pin can be sset to both
normal high(5V), aand 12.75V and chip slecection is pos-
sible using the CEB pin
Figure 23-4 Figure AC Programming Characteristics
Limits
SYMBOL
Parameter
Min
Typ
Max
Unit
Conditions
tAS
Address Setup Time
2
µs
tOES
OEB Setup Time
2
µs
tDS
Data Setup Time
2
µs
tAH
Address Hold Time
0
µs
tDH
Data Hold Time
2
µs
tDFP
OEB High to Output Float Delay
0
130
ns
Note1
tVPS
Vpp Setup Time
2
µs
tCES
CEB Setup Time
2
µs
tPW
PGMB initial program pulse width
95
100
105
µs
Quick pulse
programming
tOE
Data Valid from OEB
100
ns
tACC
Address to output delay
150
ns
tOH
output hold from addresses CEB or
OEB whichever occurrs first
00
ns
tCE
CEB to output delay
100
ns
tCS
chip selection interval
(@Gang verify)
100
ns
*Note1: Output Float is defined as the point where data is no longer driven



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com