Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS87C4060 Datasheet(PDF) 16 Page - Hynix Semiconductor

Part # GMS87C4060
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS87C4060 Datasheet(HTML) 16 Page - Hynix Semiconductor

Back Button GMS87C4060 Datasheet HTML 12Page - Hynix Semiconductor GMS87C4060 Datasheet HTML 13Page - Hynix Semiconductor GMS87C4060 Datasheet HTML 14Page - Hynix Semiconductor GMS87C4060 Datasheet HTML 15Page - Hynix Semiconductor GMS87C4060 Datasheet HTML 16Page - Hynix Semiconductor GMS87C4060 Datasheet HTML 17Page - Hynix Semiconductor GMS87C4060 Datasheet HTML 18Page - Hynix Semiconductor GMS87C4060 Datasheet HTML 19Page - Hynix Semiconductor GMS87C4060 Datasheet HTML 20Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 102 page
background image
GMS81C4040/87C4060
PRELIMINARY
12
PRELIMINARY
Nov. 1999 Ver 1.0
7. ELECTRICAL CHARACTERISTICS
7.1 Absolute Maximum Ratings
Supply voltage ........................................... -0.3 to +6.0 V
Storage Temperature ................................-40 to +125
°C
Voltage on any pin with respect to Ground (VSS)
............................................................... -0.3 to VDD+0.3
Maximum current out of VSS pin ........................100 mA
Maximum current into VDD pin ............................80 mA
Maximum current sunk by (IOL per I/O Pin) ........20 mA
Maximum output current sourced by (IOH per I/O Pin)
.................................................................................8 mA
Maximum current (
ΣIOL) ...................................... 80 mA
Maximum current (
ΣIOH)...................................... 50 mA
Note: Stresses above those listed under "Absolute Maxi-
mum Ratings" may cause permanent damage to the de-
vice. This is a stress rating only and functional operation of
the device at any other conditions above those indicated in
the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for ex-
tended periods may affect device reliability.
7.2 Recommended Operating Conditions
7.3 DC Electrical Characteristics - GMS81C4040
(TA=-10~70°C, VDD=4.5~5.5V),
Parameter
Symbol
Condition
Specifications
Unit
Min.
Max.
Supply Voltage
VDD
fXIN=8MHz
fOSC=16MHz
4.5
5.5
V
Operating Frequency
fXIN
VDD=4.5~5.5V
48
MHz
On Screen Display Oper-
ating Frequency
fOSC
VDD=4.5~5.5V
816
MHz
Operating Temperature
TOPR
-10
70
°C
Parameter
Symbol
Condition
Specifications
Unit
Min.
Typ.
Max.
High level input voltage
VIH1
TEST, RESET, Xin, OSC1, R17~16,
R27~20, R47~44, R52, R67
0.8 VDD
-
VDD
V
VIH2
R0, R15~10, R53~50
0.7 VDD
-
VDD
V
Low level input voltage
VIL1
TEST, RESET, Xin, OSC1, R17~16,
R27~20, R47~44, R52, R67
0-
0.12 VDD
V
VIL2
R0, R15~10, R53~50
0
-
0.3 VDD
V
High level output voltage
VOH
IOH = -5mA
R0, R1, R2, R5, R67
VDD - 1
--
V
IOH = -1.2mA
R,G,B
VDD - 1
--
V
Low level output voltage
VOL
IOL = 5mA
R0, R1, R2, R4, R5, R67, R, G, B
-
-1.0
V
Supply current in
ACTIVE mode
IDD
VDD
--
30
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com