Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL34A Datasheet(PDF) 1 Page - Micro Commercial Components

Part # GL34A
Description  0.5 Amp Standard Recovery Rectifier 50 to 1000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

GL34A Datasheet(HTML) 1 Page - Micro Commercial Components

  GL34A Datasheet HTML 1Page - Micro Commercial Components GL34A Datasheet HTML 2Page - Micro Commercial Components GL34A Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIMENSION
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.134
.142
3.40
3.60
B
.008
.016
0.20
0.40
C
.055
.063
1.40
1.60
Features
For Surface Mount Application and High Current Capability
Higher Temp Soldering: 2
60
o
C for 10 Seconds At Terminals
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
GL34A
THRU
GL34M
0.5 Amp
Standard Recovery
Rectifier
50 to 1000 Volts
MINIMELF
A
B
C
Cathode Mark
0.030”
0.105
0.075”
SUGGESTED SOLDER
PAD LAYOUT
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision: 8
2008/07/24
Maximum Ratings
Operating Temperature: -65
to +175
Storage Temperature:
-65
to +175
Maximum Thermal Resistance:
70
/W Junction to Lead
TM
Micro Commercial Components
www
.mccsemi.com
1 of 3
MCC
Part
Number
Maximum
Recurrent Peak
Reverse Voltage
Maximum
RMS
Voltage
Maximum
DC Blocking
Voltage
GL34A
50V
35V
50V
GL34B
100V
70V
100V
GL34D
200V
140V
200V
GL34G
400V
280V
400V
GL34J
600V
420V
600V
GL34K
800V
560V
800V
GL34M
1000V
700V
1000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
0.5 A
TL = 75
°C
Peak Forward Surge
Current
IFSM
10A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
GL34A-D
GL34J-M
VF
1.20V
1.30V
IFM =0.5A;
TA = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5
μATA = 25°C
Typical Junction
Capacitance
CJ
7.0pF
Measured at
1.0MHz, VR=4.0V
Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.
RoHS Compliant. See ordering information)
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0 and MSL Rating 1


Similar Part No. - GL34A

ManufacturerPart #DatasheetDescription
logo
Dc Components
GL34A DCCOM-GL34A Datasheet
340Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON RECTIFIER
logo
Formosa MS
GL34A FORMOSA-GL34A Datasheet
66Kb / 2P
Silicon passivated type
logo
General Semiconductor
GL34A GE-GL34A Datasheet
80Kb / 2P
SURFACE MOUNT GLASS PASSIVATED FAST SWITCHING JUNCTION RECTIFIER
logo
Micro Commercial Compon...
GL34A MCC-GL34A Datasheet
354Kb / 2P
0.5 Amp Standard Recovery Rectifier 50 to 1000 Volts
logo
Diotec Semiconductor
GL34A DIOTEC-GL34A Datasheet
170Kb / 2P
Surface Mount Si-Rectifiers
More results

Similar Description - GL34A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1F10 MCC-1F10 Datasheet
201Kb / 2P
0.5 Amp Fast Recovery Rectifier 1000 to 1800 Volts
EGL34A MCC-EGL34A Datasheet
357Kb / 2P
0.5 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
GL34A MCC-GL34A Datasheet
354Kb / 2P
0.5 Amp Standard Recovery Rectifier 50 to 1000 Volts
S10A MCC-S10A Datasheet
648Kb / 2P
10.0 Amp Standard Recovery Rectifier 50 to 1000 Volts
RGL34A MCC-RGL34A Datasheet
352Kb / 2P
0.5 Amp Fast Recovery Rectifier 50 to 1000 Volts
RL101GP MCC-RL101GP Datasheet
248Kb / 2P
1.0 Amp Standard Recovery Rectifier 50-1000 Volts
SOD4001 MCC-SOD4001 Datasheet
101Kb / 3P
1 Amp Standard Recovery Rectifier 50 to 1000 Volts
SOD4001-TS01 MCC-SOD4001-TS01 Datasheet
118Kb / 3P
1 Amp Standard Recovery Rectifier 50 to 1000 Volts
1F10 MCC-1F10_08 Datasheet
437Kb / 3P
0.5 Amp Fast Recovery Rectifier 1000 to 1800 Volts
GL34A MCC-GL34A_08 Datasheet
218Kb / 4P
0.5 Amp Standard Recovery Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com