Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMS39C7092 Datasheet(PDF) 89 Page - Hynix Semiconductor

Part # HMS39C7092
Description  Embedded Flash MCU
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS39C7092 Datasheet(HTML) 89 Page - Hynix Semiconductor

Back Button HMS39C7092 Datasheet HTML 85Page - Hynix Semiconductor HMS39C7092 Datasheet HTML 86Page - Hynix Semiconductor HMS39C7092 Datasheet HTML 87Page - Hynix Semiconductor HMS39C7092 Datasheet HTML 88Page - Hynix Semiconductor HMS39C7092 Datasheet HTML 89Page - Hynix Semiconductor HMS39C7092 Datasheet HTML 90Page - Hynix Semiconductor HMS39C7092 Datasheet HTML 91Page - Hynix Semiconductor HMS39C7092 Datasheet HTML 92Page - Hynix Semiconductor HMS39C7092 Datasheet HTML 93Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 199 page
background image
Flash MCU(HMS39C7092)
Interrupt controller
Preliminary
89
FSR
FIQ Status Register (0x0900_1210 Read Only)
b31 -
b25 b24b23b22b21b20b19b18b17b16b15b14b13b12b11 b10 b9 b8 b7 b6 b5 b4 b3 b2 b1 b0
FSR
Reserved
I24 I23 I22 I21 I20 I19 I18 I17 I16 I15 I14 I13 I12 I11 I10 I9
I8
I7
I6
I5
I4
I3
I2
I1
I0
Reset
0000000
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Initial value : 0x00000000
Bit field I0-I24
1 : FIQ Pending
0 : FIQ Idle
The FIQ status register is used to reflect the status of all channels set to produce an
FIQ interrupt (IDRn = 1). When an interrupt is set for an FIQ occurring, the
corresponding bit is set in FIQ status register. The interrupt handler will examine this
register to determine the channel(s) that caused the FIQ interrupt. When the status
clear register is written to ‘1’, the corresponding bit is cleared if that channel is
configured to edge trigger mode. A HIGH bit indicates that the interrupt is active and
will generate an interrupt to the processor.
ISR
IRQ Status Register (0x0900_1214 Read Only)
b31 -
b25 b24b23b22b21b20b19b18b17b16b15b14b13b12b11 b10 b9 b8 b7 b6 b5 b4 b3 b2 b1 b0
ISR
Reserved
I24 I23 I22 I21 I20 I19 I18 I17 I16 I15 I14 I13 I12 I11 I10 I9
I8
I7
I6
I5
I4
I3
I2
I1
I0
Reset
0000000
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Initial value : 0x00000000
Bit field I0-I24
1 : IRQ Pending
0 : IRQ Idle
The IRQ status register is used to reflect the status of all channels set to produce an
IRQ interrupt (IDR(i) = 0). When an interrupt is set for an IRQ occurring, the
corresponding bit is set in IRQ status register. The interrupt handler will examine this
register to determine the channel(s) that caused the IRQ interrupt. When the status
clear register is written to ‘1’, the corresponding bit is cleared if that channel is
configured to edge trigger mode. A HIGH bit indicates that the interrupt is active and
will generate an inte rrupt to the processor.
FMR
FIQ Mask Register (0x0900_1218 R/W)
b31 -
b25 b24b23b22b21b20b19b18b17b16b15b14b13b12b11 b10 b9 b8 b7 b6 b5 b4 b3 b2 b1 b0
FMR
Reserved
I24 I23 I22 I21 I20 I19 I18 I17 I16 I15 I14 I13 I12 I11 I10 I9
I8
I7
I6
I5
I4
I3
I2
I1
I0
Reset
0000000
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Initial value : 0x00000000
Bit field I0-I24
1 : Disable FIQ
0 : Enable FIQ
The FIQ request mask register is used to mask the request to generate an interrupt
to a processor. If certain bits within the interrupt controller are not implemented, the
corresponding bits in the FIQ reques t mask register must be masked. A bit value 0
indicates that the interrupt is unmasked and will allow an interrupt request to reach
the processor. A bit value 1 indicates that the interrupt is masked. On reset, all FIQ
requests are unmasked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com