Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMS39C7092 Datasheet(PDF) 21 Page - Hynix Semiconductor

Part # HMS39C7092
Description  Embedded Flash MCU
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS39C7092 Datasheet(HTML) 21 Page - Hynix Semiconductor

Back Button HMS39C7092 Datasheet HTML 17Page - Hynix Semiconductor HMS39C7092 Datasheet HTML 18Page - Hynix Semiconductor HMS39C7092 Datasheet HTML 19Page - Hynix Semiconductor HMS39C7092 Datasheet HTML 20Page - Hynix Semiconductor HMS39C7092 Datasheet HTML 21Page - Hynix Semiconductor HMS39C7092 Datasheet HTML 22Page - Hynix Semiconductor HMS39C7092 Datasheet HTML 23Page - Hynix Semiconductor HMS39C7092 Datasheet HTML 24Page - Hynix Semiconductor HMS39C7092 Datasheet HTML 25Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 199 page
background image
Flash MCU(HMS39C7092)
Introduction
Preliminary
21
1.4
Operation Mode description
HMS39C7092 is Flash Memory-embedded ARM microcontroller. It has six-operation
modes shown in Table 1.2. HMS39C7092 External pin function is changed by setting
external MODE pin or configuring the PIN MUX registers. The pin assignment by
mode is shown in Table 1.3. Especially changing mode causes memory remap for
appropriate mode. Figure 1.3 shows default memory map and the memory maps of
respective modes are shown in Figure 1.4, Figure 1.5 and Figure 1.6.
The Mode definition is listed as follows:
Table 1.2 HMS39C7092 Operation modes
MODE
MODE DESCRIPTION
0,1
Reserved for Test
2
External 8-bit data bus with 16MBytes of Address Range
3
External 16-bit data bus with 16MBytes of Address Range
4
Flash-boot mode with 16-bit data bus
5
Flash-boot mode (micro-computer mode)
6
UART-boot mode with 16-bit data bus
7
UART-boot mode (micro-computer mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com