Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMS39C7092 Datasheet(PDF) 16 Page - Hynix Semiconductor

Part # HMS39C7092
Description  Embedded Flash MCU
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS39C7092 Datasheet(HTML) 16 Page - Hynix Semiconductor

Back Button HMS39C7092 Datasheet HTML 12Page - Hynix Semiconductor HMS39C7092 Datasheet HTML 13Page - Hynix Semiconductor HMS39C7092 Datasheet HTML 14Page - Hynix Semiconductor HMS39C7092 Datasheet HTML 15Page - Hynix Semiconductor HMS39C7092 Datasheet HTML 16Page - Hynix Semiconductor HMS39C7092 Datasheet HTML 17Page - Hynix Semiconductor HMS39C7092 Datasheet HTML 18Page - Hynix Semiconductor HMS39C7092 Datasheet HTML 19Page - Hynix Semiconductor HMS39C7092 Datasheet HTML 20Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 199 page
background image
Introduction
Flash MCU(HMS39C7092)
16
Preliminary
1.3
Pin Descriptions
Table 1.1 Pin Descriptions
PIN
SYMBOL
DIR
DESCRIPTION
1
VDD
-
Power Supply 3.3V
nCS7
O
External Chip Selection Number 7
TCIOA3
I/O
PWM output, Compare match output of Reg.A and signal capture input of Timer Ch3
2
PB0
I/O
General purpose input output of port B bit0
nCS6
O
External Chip Selection Number 6
TCIOB3
I/O
PWM output, Compare match output of Reg.B and signal capture input of Timer Ch3
3
PB1
I/O
General purpose input output of port B bit 1
nCS5
O
External Chip Selection Number 5
TIOCA4
I/O
PWM output, Compare match output of Reg.A and signal capture input of Timer Ch4
4
PB2
I/O
General purpose input output of port B bit2
nCS4
O
External Chip Selection Number 4
TIOCB4
I/O
PWM output, Compare match output of Reg.B and signal capture input of Timer Ch4
5
PB3
I/O
General purpose input output of port B bit3
TMS
I
JTAG Test Mode Selection
6
PB4
I/O
General purpose input output of port B bit4
TDO
O
JTAG Test Data Output
7
PB5
I/O
General purpose input output of port B bit5
TDI
I
JTAG Test Data Input
8
PB6
I/O
General purpose input output of port B bit6
TCK
I
JTAG Test Clock
9
PB7
I/O
General purpose input output of port B bit7
10
TVPPD
I
5Vinput for the use of Programming and Erasing of the Flash Memory
11
VSS
-
Power ground
TxD0
O
Transmit Data of UART Ch0
12
P90
I/O
General purpose input output of port 9 bit 0
RxD0
O
Receive Data of UART Ch0
13
P91
I/O
General purpose input output of port 9 bit 1
TxD1
O
Transmit Data of UART Ch1
14
P92
I/O
General purpose input output of port 9 bit 2
RxD1
O
Receive Data of UART Ch1
15
P93
I/O
General purpose input output of port 9 bit 3
nIRQ4
I
External Interrupt Request number 4
16
P94
I/O
General purpose input output of port 9 bit 4
nIRQ5
I
External Interrupt Request number 5
17
P95
I/O
General purpose input output of port 9 bit 5
D0
I/O
External Data Bus bit 0
18
P40
I/O
General purpose input output or port 4 bit 0
D1
I/O
External Data Bus bit 1
19
P41
I/O
General purpose input output or port 4 bit 1
D2
I/O
External Data Bus bit 2
20
P42
I/O
General purpose input output or port 4 bit 2
D3
I/O
External Data Bus bit 3
21
P43
I/O
General purpose input output or port 4 bit 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com