Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMS87C1202A Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # HMS87C1202A
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS87C1202A Datasheet(HTML) 4 Page - Hynix Semiconductor

  HMS87C1202A Datasheet HTML 1Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 2Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 3Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 4Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 5Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 6Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 7Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 8Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 88 page
background image
HMS87C130XA/120XA/110XA
Apr. 2001 ver1.0
1
HMS87C1304A / HMS87C1302A
HMS87C1204A / HMS87C1202A
HMS87C1104A / HMS87C1102A
CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
1. OVERVIEW
1.1 Description
The HMS87C1X0XA is an advanced CMOS 8-bit microcontroller with 4K/2K bytes of EPROM. The Hynix
HMS87C1X0XA is a powerful microcontroller which provide a highly flexible and cost effective solution to many small
applications such as controller for battery charger. The HMS87C1X0XA provides the following standard features: 4K/2K
bytes of EPROM, 128bytes of RAM, 8-bit timer/counter, 8-bit A/D converter, 10-bit high speed PWM output, programmable
buzzer driving port, power-on reset circuit, on-chip oscillator and clock circuitry. In addition, the HMS87C1X0XA supports
power saving modes to reduce power consumption.
This document is only explained for the base of HMS87C1304A, the other’s eliminated functions are same as below.
1.2 Features
• 4K/2K Bytes On-chip Program Memory
• 128 Bytes of On-chip Data RAM
(Included stack memory)
• Instruction Cycle Time:
- 250nS at 8MHz
• Programmable I/O pins
(LED direct driving can be source and sink)
- HMS87C1304A/1302A : 19
- HMS87C1204A/1202A : 15
- HMS87C1104A/1102A : 11
• 2.0V to 5.5V Wide Operating Range
• 8-bit A/D Converter
- 8 channels
• One 8-bit Basic Interval Timer
• Two 8-bit Timer / Counters
• One 10-bit High Speed PWM Outputs
• Watchdog timer
• Seven Interrupt sources
- External input: 2 ( 1 for HMS87C1104/2A )
- A/D Conversion: 1
- Timer: 4
• One Programmable Buzzer Driving port
( except HMS87C1104/2A )
- 500Hz ~ 130kHz
Device name
EPROM
RAM
EXT.INT
BUZ
I/O
Operating
Voltage
Package
HMS87C1304A
4K bytes
128bytes
2
O
19
2.0 ~ 5.5V
24 SKDIP or SOP
HMS87C1302A
2K bytes
128bytes
2
O
19
2.0 ~ 5.5V
24 SKDIP or SOP
HMS87C1204A
4K bytes
128bytes
2
O
15
2.0 ~ 5.5V
20 PDIP or SOP
HMS87C1202A
2K bytes
128bytes
2
O
15
2.0 ~ 5.5V
20 PDIP or SOP
HMS87C1104A
4K bytes
128bytes
1
X
11
2.0 ~ 5.5V
16 PDIP or SOP
HMS87C1102A
2K bytes
128bytes
1
X
11
2.0 ~ 5.5V
16 PDIP or SOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com