Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMS87C1202A Datasheet(PDF) 71 Page - Hynix Semiconductor

Part # HMS87C1202A
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS87C1202A Datasheet(HTML) 71 Page - Hynix Semiconductor

Back Button HMS87C1202A Datasheet HTML 67Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 68Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 69Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 70Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 71Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 72Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 73Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 74Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 75Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 88 page
background image
68
Apr. 2001 ver 1.0
HMS87C130XA/120XA/110XA
19. POWER FAIL PROCESSOR
The HMS87C1X0XA has an on-chip power fail detection
circuitry to immunize against power noise. A Power Fail
Detector Register, PFDR can enable (if clear/pro-
grammed) or disable (if set) the Power fail Detect circuitry.
If VDD falls below 2.4~2.6V(or 1.6~1.8V) range for longer
than 50 nS, the Power fail situation may reset MCU or halt
the system clock according to PFS bit of PFDR. And pow-
er fail detect level is selectable by programming the bit
PFDLEVEL of CONFIG register when program the OTP.
As below PFDR register is not implemented on the in-cir-
cuit emulator, user can not experiment with it. Therefore,
after final development of user program, this function may
be experimented.
Note: Power fail detect level is decided by setting the bit
PFDLEVEL of CONFIG register (refer to Figure 20-
1.
Figure 19-1 Power Fail Detector
PFDR
ADDRESS : EFH
RESET VALUE : ----0100
-
-
-
-
PFDOPR
PFDIS
PFDM
PFS
Reserved
Power Fail Status
0 : Normal Operate
1 : This bit force to “1” when
Operation Mode
0 : System Clock Freeze during power fail
1 : MCU will be reset during power fail
Disable Flag
0 : Power fail detection enable
1 : Power fail detection disable
Power Fail Detector Register
Power fail was detected
PFD Operation Disable Flag
0 : Power fail detection enable
1 : Power fail detection disable
Power
Fail
Detection
Circuit
Power Noise
PFDIS
PFDOPR
PFDM
to RESET circuit
System clock freeze
PFS
But can read PFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com