Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMS87C1202A Datasheet(PDF) 57 Page - Hynix Semiconductor

Part # HMS87C1202A
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS87C1202A Datasheet(HTML) 57 Page - Hynix Semiconductor

Back Button HMS87C1202A Datasheet HTML 53Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 54Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 55Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 56Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 57Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 58Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 59Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 60Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 61Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 88 page
background image
54
Apr. 2001 ver 1.0
HMS87C130XA/120XA/110XA
15. INTERRUPTS
The HMS87C1X0XA interrupt circuits consist of Interrupt
enable register (IENH, IENL), Interrupt request flags of
IRQH, IRQL, Interrupt Edge Selection Register (IEDS),
priority circuit and Master enable flag(“I” flag of PSW).
The configuration of interrupt circuit is shown in Figure
15-1and Interrupt priority is shown in Table 15-1.
The External Interrupts INT0 and INT1 can each be transi-
tion-activated (1-to-0, 0-to-1 and both transition).
The flags that actually generate these interrupts are bit
INT0IF and INT1IF in Register IRQH. When an external
interrupt is generated, the flag that generated it is cleared
by the hardware when the service routine is vectored to
only if the interrupt was transition-activated.
The Timer 0 and Timer 1 Interrupts are generated by T0IF
and T1IF, which are set by a match in their respective tim-
er/counter register. The AD converter Interrupt is generat-
ed by ADIF which is set by finishing the analog to digital
conversion. The Watch dog timer Interrupt is generated by
WDTIF which set by a match in Watch dog timer register
(when the bit WDTON is set to “0”). The Basic Interval
Timer Interrupt is generated by BITIF which is set by a
overflowing of the Basic Interval Timer Register(BITR).
Figure 15-1 Block Diagram of Interrupt Function
BIT
BITIF
WDTIF
WDT
A/D Converter
Timer 1
Timer 0
External Int. 1
External Int. 0
IENH
Interrupt Enable
Interrupt Enable
IRQH
IRQL
Interrupt
Vector
Address
Generator
Internal bus line
Register (Lower byte)
Internal bus line
Register (Higher byte)
Release STOP
To CPU
Interrupt Master
Enable Flag
I Flag
IENL
I-flag is in PSW, it is cleared by “DI”, set by
“EI” instruction.When it goes interrupt service,
I-flag is cleared by hardware, thus any other
interrupt are inhibited. When interrupt service is
completed by “RETI” instruction, I-flag is set to
“1” by hardware.
INT0IF
INT1IF
T0IF
T1IF
ADIF
7
6
5
4
7
6
5
IEDS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com