Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMS87C1102 Datasheet(PDF) 13 Page - Hynix Semiconductor

Part # HMS87C1102
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS87C1102 Datasheet(HTML) 13 Page - Hynix Semiconductor

Back Button HMS87C1102 Datasheet HTML 9Page - Hynix Semiconductor HMS87C1102 Datasheet HTML 10Page - Hynix Semiconductor HMS87C1102 Datasheet HTML 11Page - Hynix Semiconductor HMS87C1102 Datasheet HTML 12Page - Hynix Semiconductor HMS87C1102 Datasheet HTML 13Page - Hynix Semiconductor HMS87C1102 Datasheet HTML 14Page - Hynix Semiconductor HMS87C1102 Datasheet HTML 15Page - Hynix Semiconductor HMS87C1102 Datasheet HTML 16Page - Hynix Semiconductor HMS87C1102 Datasheet HTML 17Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 88 page
background image
10
Apr. 2001 ver 1.0
HMS87C130XA/120XA/110XA
PIN NAME
PIN NUMBER
In/Out
Function
87C1304(2)A
87C1204(2)A
87C1104(2)A
Basic
Sencondary
VDD
555
-
Supply voltage
VSS
18
14
12
-
Circuit ground
RESET
17
13
11
I
Reset signal input
XIN
15
11
9
I
XOUT
16
12
10
O
RA0 (EC0)
21
17
13
I/O (Input)
8-bit general
I/O ports
External Event Counter input 0
RA1 (AN1)
22
18
14
I/O (Input)
Analog Input Port 1
RA2 (AN2)
23
19
15
I/O (Input)
Analog Input Port 2
RA3 (AN3)
24
20
16
I/O (Input)
Analog Input Port 3
RA4 (AN4)
1
1
1
I/O (Input)
Analog Input Port 4
RA5 (AN5)
2
2
2
I/O (Input)
Analog Input Port 5
RA6 (AN6)
3
3
3
I/O (Input)
Analog Input Port 6
RA7 (AN7)
4
4
4
I/O (Input)
Analog Input Port 7
RB0 (AVref/AN0)
8
6
6
I/O (Input)
5-bit general
I/O ports
Analog Input Port 0
/ Analog Reference
RB1 (BUZ)
9
7
I/O (Input)
Buzzer Driving Output
RB2 (INT0)
10
8
I/O (Input)
External Interrupt Input 0
RB3 (INT1)
11
9
I/O (Output)
External Interrupt Input 1
RB4 (PWM0/
COMP0)
12
10
I/O (Output/
Output)
PWM0 Output or Timer1
Compare Output
RC0
19
15
I/O
2-bit general
I/O ports
RC1
20
16
I/O
RD0
6
I/O
4-bit general
I/O ports
RD1
7
I/O
RD2
13
I/O
RD3
14
I/O
Table 5-3 Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com