Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMS87C1102 Datasheet(PDF) 39 Page - Hynix Semiconductor

Part # HMS87C1102
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS87C1102 Datasheet(HTML) 39 Page - Hynix Semiconductor

Back Button HMS87C1102 Datasheet HTML 35Page - Hynix Semiconductor HMS87C1102 Datasheet HTML 36Page - Hynix Semiconductor HMS87C1102 Datasheet HTML 37Page - Hynix Semiconductor HMS87C1102 Datasheet HTML 38Page - Hynix Semiconductor HMS87C1102 Datasheet HTML 39Page - Hynix Semiconductor HMS87C1102 Datasheet HTML 40Page - Hynix Semiconductor HMS87C1102 Datasheet HTML 41Page - Hynix Semiconductor HMS87C1102 Datasheet HTML 42Page - Hynix Semiconductor HMS87C1102 Datasheet HTML 43Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 88 page
background image
36
Apr. 2001 ver 1.0
HMS87C130XA/120XA/110XA
9.3 RC and RCIO registers
RC is a 2-bit bidirectional I/O port (address C4H). Each
pin can be set individually as input and output through the
RCIO register (address C5H).
Figure 9-4 Registers of Port RC
PORT
RBFUNC.4~0
Description
RB4/
PWM0/
COMP0
0
RB4 (Normal I/O Port)
1
PWM0 Output /
Timer1 Compare Output
RB3/INT1
0
RB3 (Normal I/O Port)
1
External Interrupt Input 1
RB2/INT0
0
RB2 (Normal I/O Port)
1
External Interrupt Input 0
RB1/BUZ
0
RB1 (Normal I/O Port)
1
Buzzer Output
RB0/AN0/
AVREF
01
1. When ANSEL0 = “0”, this port is defined for normal I/O port
(RB0).
When ANSEL0 = “1” and ADS2~0 = “000”, this port can be
used Analog Input Port (AN0).
RB0 (Normal I/O Port)/
AN0 (ANSEL0=1)
12
2. When this bit set to “1”, this port defined for AVREF, so it can
not be used Analog Input Port AN0 and Normal I/O Port
RB0.
External Analog Reference
Voltage
-
RC1
RC0
INPUT / OUTPUT DATA
0 : INPUT PORT
1 : OUTPUT PORT
DIRECTION SELECT
RC Data Register
RC
ADDRESS : C4H
RESET VALUE : Undefined
RC Direction Register
RCIO
ADDRESS : C5H
RESET VALUE : ------00
-
-
---
--
---
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com