Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMS87C1102 Datasheet(PDF) 27 Page - Hynix Semiconductor

Part # HMS87C1102
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS87C1102 Datasheet(HTML) 27 Page - Hynix Semiconductor

Back Button HMS87C1102 Datasheet HTML 23Page - Hynix Semiconductor HMS87C1102 Datasheet HTML 24Page - Hynix Semiconductor HMS87C1102 Datasheet HTML 25Page - Hynix Semiconductor HMS87C1102 Datasheet HTML 26Page - Hynix Semiconductor HMS87C1102 Datasheet HTML 27Page - Hynix Semiconductor HMS87C1102 Datasheet HTML 28Page - Hynix Semiconductor HMS87C1102 Datasheet HTML 29Page - Hynix Semiconductor HMS87C1102 Datasheet HTML 30Page - Hynix Semiconductor HMS87C1102 Datasheet HTML 31Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 88 page
background image
24
Apr. 2001 ver 1.0
HMS87C130XA/120XA/110XA
8.2 Program Memory
A 16-bit program counter is capable of addressing up to
64K bytes, but these devices have 4K/2K bytes program
memory space only physically implemented. Accessing a
location above FFFFH will cause a wrap-around to 0000H.
Figure 8-4, shows a map of Program Memory. After reset,
the CPU begins execution from reset vector which is stored
in address FFFEH and FFFFH as shown in Figure 8-5.
As shown in Figure 8-4, each area is assigned a fixed loca-
tion in Program Memory. Program Memory area contains
the user program.
Figure 8-4 Program Memory Map
Page Call (PCALL) area contains subroutine program to
reduce program byte length by using 2 bytes PCALL in-
stead of 3 bytes CALL instruction. If it is frequently called,
it is more useful to save program byte length.
Table Call (TCALL) causes the CPU to jump to each
TCALL address, where it commences the execution of the
service routine. The Table Call service area spaces 2-byte
for every TCALL: 0FFC0H for TCALL15, 0FFC2H for
TCALL14, etc., as shown in Figure 8-6.
Example: Usage of TCALL
The interrupt causes the CPU to jump to specific location,
where it commences the execution of the service routine.
The External interrupt 0, for example, is assigned to loca-
tion 0FFFAH. The interrupt service locations spaces 2-byte
interval: 0FFF8H and 0FFF9H for External Interrupt 1,
0FFFAH and 0FFFBH for External Interrupt 0, etc.
As for the area from 0FF00H to 0FFFFH, if any area of
them is not going to be used, its service location is avail-
able as general purpose Program Memory.
Figure 8-5 Interrupt Vector Area
PROGRAM
MEMORY
TCALL
AREA
INTERRUPT
VECTOR AREA
F000H
FEFFH
FF00H
FFC0H
FFDFH
FFE0H
FFFFH
PCALL
AREA
F800H
LDA
#5
TCALL
0FH
;
1BYTE INSTR UCTIO N
:;
INSTEAD O F 3 BYTES
:;
NO RM AL CALL
;
;TABLE CALL ROUTINE
;
FUNC_A:
LDA
LRG0
RET
;
FUNC_B:
LDA
LRG1
RET
;
;TABLE CALL ADD. AREA
;
ORG
0FFC0H
;
TCALL ADDRESS AREA
DW
FUNC_A
DW
FUNC_B
1
2
0FFE0H
E2
Address
Vector Area Memory
E4
E6
E8
EA
EC
EE
F0
F2
F4
F6
F8
FA
FC
FE
-
-
-
Basic Interval Interrupt Vector Area
A/D Converter Interrupt Vector Area
-
-
-
Timer/Counter 1 Interrupt Vector Area
Timer/Counter 0 Interrupt Vector Area
External Interrupt 0 Vector Area
-
RESET Vector Area
External Interrupt 1 Vector Area
-
Watchdog Timer Interrupt Vector Area
“-” means reserved area.
NOTE:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com