Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893 Datasheet(PDF) 123 Page - Integrated Circuit Systems

Part # ICS1893
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893 Datasheet(HTML) 123 Page - Integrated Circuit Systems

Back Button ICS1893 Datasheet HTML 119Page - Integrated Circuit Systems ICS1893 Datasheet HTML 120Page - Integrated Circuit Systems ICS1893 Datasheet HTML 121Page - Integrated Circuit Systems ICS1893 Datasheet HTML 122Page - Integrated Circuit Systems ICS1893 Datasheet HTML 123Page - Integrated Circuit Systems ICS1893 Datasheet HTML 124Page - Integrated Circuit Systems ICS1893 Datasheet HTML 125Page - Integrated Circuit Systems ICS1893 Datasheet HTML 126Page - Integrated Circuit Systems ICS1893 Datasheet HTML 127Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 152 page
background image
Chapter 10
DC and AC Operating Conditions
ICS1893 Rev C 6/6/00
June, 2000
123
ICS1893 - Release
Copyright © 2000, Integrated Circuit Systems, Inc.
All rights reserved.
Chapter 10
DC and AC Operating Conditions
10.1
Absolute Maximum Ratings
Table 10-1 lists absolute maximum ratings. Stresses above these ratings can permanently damage the
ICS1893. These ratings, which are standard values for ICS commercially rated parts, are stress ratings
only. Functional operation of the ICS1893 at these or any other conditions above those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions
for extended periods can affect product reliability. Electrical parameters are guaranteed only over the range
of the recommended operating temperature.
10.2
Recommended Operating Conditions
Table 10-1.
Absolute Maximum Ratings for ICS1893
Item
Rating
VDD (measured to VSS)
-0.3 V to 3.6V
Digital Inputs / Outputs
-0.3 V to VDD +0.3 V
Storage Temperature
-55
°C to +150°C
Junction Temperature
125
°C
Soldering Temperature
260
°C
Power Dissipation
See Section 10.4.1, “DC Operating Characteristics for Supply Current”
Table 10-2.
Recommended Operating Conditions for ICS1893
Parameter
Symbols
Min.
Max.
Units
Ambient Operating Temperature
TA
0
+70
°C
Power Supply Voltage (measured to VSS)
VDD
+3.14
+3.47
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com