Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893 Datasheet(PDF) 120 Page - Integrated Circuit Systems

Part # ICS1893
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893 Datasheet(HTML) 120 Page - Integrated Circuit Systems

Back Button ICS1893 Datasheet HTML 116Page - Integrated Circuit Systems ICS1893 Datasheet HTML 117Page - Integrated Circuit Systems ICS1893 Datasheet HTML 118Page - Integrated Circuit Systems ICS1893 Datasheet HTML 119Page - Integrated Circuit Systems ICS1893 Datasheet HTML 120Page - Integrated Circuit Systems ICS1893 Datasheet HTML 121Page - Integrated Circuit Systems ICS1893 Datasheet HTML 122Page - Integrated Circuit Systems ICS1893 Datasheet HTML 123Page - Integrated Circuit Systems ICS1893 Datasheet HTML 124Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 152 page
background image
ICS1893 Rev C 6/6/00
June, 2000
120
Chapter 9
Pin Diagram, Listings, and Descriptions
ICS1893 Data Sheet - Release
Copyright © 2000, Integrated Circuit Systems, Inc.
All rights reserved.
RXDV
10RXDV
36
Output
10M (Serial Interface) Receive Data Valid.
The ICS1893 asserts 10RXDV to indicate to the MAC/repeater
that data is available on the MII Receive Bus (RXD[3:0]). The
ICS1893:
• Asserts 10RXDV after it detects and recovers the
Start-of-Stream delimiter, /J/K/. (For the timing reference,
see Chapter 10.5.6, “MII / 100M Stream Interface:
Synchronous Receive Timing”.)
• De-asserts 10RXDV after it detects either the End-of-Stream
delimiter (/T/R/) or a signal error.
Note: 10RXDV is synchronous with the Receive Data Clock,
10RCLK.
RXER
–
39
No
connect
Receive Error.
For the 10M Serial Interface, this pin is a no connect. For more
information, see Table 6-2.
RXTRI
41
Input
Receive (Interface), Tri-State.
• The input on this pin is from a MAC. When the signal on this
pin is logic:
– Low, the MAC indicates that it is not in a tri-state condition.
– High, the MAC indicates that it is in a tri-state condition. In
this case, the ICS1893 acts to ensure that only one PHY is
active at a time.
• If the PHY address is 00, the ICS1893 acts as if the RX-TRI
pin is held high.
TXCLK
10TCLK
43
Output
10M (Serial Interface) Transmit Clock.
This pin’s description is the same as that given in Table 9-5.
TXD0
10TD
45
Input
10M (Serial Interface) Transmit Data.
This pin’s description is the same as that given in Table 9-5.
TXD1,
TXD2,
TXD3
–
46,
47,
48
No
connect
Transmit Data 1–3.
For the 10M Serial Interface, these pins are a no connect. For
more information, see Table 6-2.
TXEN
10TXEN
44
Input
10M (Serial Interface) Transmit Enable.
This pin’s description is the same as that given in Table 9-5.
TXER
–
42
No
connect
Transmit Error.
For the 10M Serial Interface, this pin is a no connect. For more
information, see Table 6-2.
Table 9-7.
MAC/Repeater Interface Pins: 10M Serial Interface (Continued)
MII Pin
Name
100M
Symbol
Pin
Name
Pin
No.
Pin
Type
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com