Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893 Datasheet(PDF) 118 Page - Integrated Circuit Systems

Part # ICS1893
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893 Datasheet(HTML) 118 Page - Integrated Circuit Systems

Back Button ICS1893 Datasheet HTML 114Page - Integrated Circuit Systems ICS1893 Datasheet HTML 115Page - Integrated Circuit Systems ICS1893 Datasheet HTML 116Page - Integrated Circuit Systems ICS1893 Datasheet HTML 117Page - Integrated Circuit Systems ICS1893 Datasheet HTML 118Page - Integrated Circuit Systems ICS1893 Datasheet HTML 119Page - Integrated Circuit Systems ICS1893 Datasheet HTML 120Page - Integrated Circuit Systems ICS1893 Datasheet HTML 121Page - Integrated Circuit Systems ICS1893 Datasheet HTML 122Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 152 page
background image
ICS1893 Rev C 6/6/00
June, 2000
118
Chapter 9
Pin Diagram, Listings, and Descriptions
ICS1893 Data Sheet - Release
Copyright © 2000, Integrated Circuit Systems, Inc.
All rights reserved.
RXD0,
RXD1,
RXD2,
RXD3
SRD0,
SRD1,
SRD2,
SRD3
35,
34,
33,
32
Output
Symbol Receive Data 0–3.
In 100M Symbol mode:
• The ICS1893’s SRD0 pin transmits the least-significant bit
and the SRD4 pin transmits the most-significant bit of the
symbol received from its MAC/Repeater interface.
• The ICS1893 continually transfers the data it receives from
its MDI to its SRD[4:0] pins (that is, to its MAC/Repeater
Interface). In the 100M Symbol mode, data is not framed.
Therefore, the ICS1893 does not assert its RXDV signal.
• The ICS1893 transfers its receive data to the SRD[4:0] pins
synchronously on the rising edges of its SRCLK signal.
Note: The signal on the ICS1893’s SRD[3:0] pins are
conditioned by the RXTRI pin.
RXDV
–
36
No
Connect
Receive Data Valid.
For the 100M Symbol Interface, this pin is a no connect. For
more information, see Table 6-1.
RXER
SRD4
39
Output
Symbol Receive Data 4.
This pin’s description is the same as that given in Table 9-5.
RXTRI
41
Input
Receive (Interface), Tri-State.
This pin’s input is from a MAC. When this pin’s signal is logic:
• Low, the MAC indicates it is not in a tri-state condition.
• High, the MAC indicates it is in a tri-state condition. In this
case, the ICS1893 acts to ensure that only one PHY is active
at a time. (A PHY address of 00 also tri-states the MII
interface.)
TXCLK
STCLK
43
Output
Symbol Transmit Clock.
This pin’s description is the same as that given in Table 9-5.
TXD0–3
STD0,
STD1,
STD2,
STD3
45,
46,
47,
48
Input
Symbol Transmit Data 0–3.
In 100M Symbol mode:
• The ICS1893 STD0 pin receives the least-significant bit and
the STD4 pin receives the most-significant bit of the symbol
received from the MAC/Repeater interface.
• The signals on the ICS1893 STD[4:0] pins are continually
and synchronously sampled on the rising edges of its
STCLK. These signals are independent of the TXEN signal.
Note: In 100M Symbol mode, TXEN is not used because the
MAC/Repeater is responsible for sending both IDLE
symbols and data.
TXEN
–
44
No
Connect
Transmit Enable.
For the 100M Symbol Interface, this pin is a no connect. For
more information, see Table 6-1.
TXER
STD4
42
Input
Symbol Transmit Data 4.
This pin’s description is the same as that given in Table 9-5.
Table 9-6.
MAC/Repeater Interface Pins: 100M Symbol Interface (Continued)
MII Pin
Name
100M
Symbol
Pin
Name
Pin
No.
Pin
Type
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com