Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893 Datasheet(PDF) 116 Page - Integrated Circuit Systems

Part # ICS1893
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893 Datasheet(HTML) 116 Page - Integrated Circuit Systems

Back Button ICS1893 Datasheet HTML 112Page - Integrated Circuit Systems ICS1893 Datasheet HTML 113Page - Integrated Circuit Systems ICS1893 Datasheet HTML 114Page - Integrated Circuit Systems ICS1893 Datasheet HTML 115Page - Integrated Circuit Systems ICS1893 Datasheet HTML 116Page - Integrated Circuit Systems ICS1893 Datasheet HTML 117Page - Integrated Circuit Systems ICS1893 Datasheet HTML 118Page - Integrated Circuit Systems ICS1893 Datasheet HTML 119Page - Integrated Circuit Systems ICS1893 Datasheet HTML 120Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 152 page
background image
ICS1893 Rev C 6/6/00
June, 2000
116
Chapter 9
Pin Diagram, Listings, and Descriptions
ICS1893 Data Sheet - Release
Copyright © 2000, Integrated Circuit Systems, Inc.
All rights reserved.
9.3.4.2
MAC/Repeater Interface Pins for 100M Symbol Interface
Table 9-6 lists the MAC/Repeater Interface pin descriptions for the 100M Symbol Interface.
Table 9-6.
MAC/Repeater Interface Pins: 100M Symbol Interface
MII Pin
Name
100M
Symbol
Pin
Name
Pin
No.
Pin
Type
Pin Description
COL
–
49
No
Connect
Collision (Detect).
For the 100M Symbol Interface, this pin is a no connect. For
more information, see Table 6-1.
CRS
SCRS
50
Output
Symbol Carrier Sense.
This pin’s description is the same as that given in Table 9-5.
MDC
MDC
31
Input
Management Data Clock.
This pin’s description is the same as that given in Table 9-5.
MDIO
MDIO
30
Input/
Output
Management Data Input/Output.
This pin’s description is the same as that given in Table 9-5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com