Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893 Datasheet(PDF) 115 Page - Integrated Circuit Systems

Part # ICS1893
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893 Datasheet(HTML) 115 Page - Integrated Circuit Systems

Back Button ICS1893 Datasheet HTML 111Page - Integrated Circuit Systems ICS1893 Datasheet HTML 112Page - Integrated Circuit Systems ICS1893 Datasheet HTML 113Page - Integrated Circuit Systems ICS1893 Datasheet HTML 114Page - Integrated Circuit Systems ICS1893 Datasheet HTML 115Page - Integrated Circuit Systems ICS1893 Datasheet HTML 116Page - Integrated Circuit Systems ICS1893 Datasheet HTML 117Page - Integrated Circuit Systems ICS1893 Datasheet HTML 118Page - Integrated Circuit Systems ICS1893 Datasheet HTML 119Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 152 page
background image
Chapter 9
Pin Diagram, Listings, and Descriptions
ICS1893 Rev C 6/6/00
June, 2000
115
ICS1893 - Release
Copyright © 2000, Integrated Circuit Systems, Inc.
All rights reserved.
TXEN
44
Input
Transmit Enable.
In MII mode:
• The ICS1893 samples its TXEN signal to determine when data is
available for transmission. When TXEN is asserted, the ICS1893
begins sampling the data nibbles on the transmit data lines TXD[3:0]
synchronously with TXCLK. The ICS1893 then transmits this data over
the media.
• Following the de-assertion of TXEN, the ICS1893 terminates
transmission of nibbles over the media.
TXER
42
Input
Transmit Error.
When the MAC/Repeater Interface is in:
• 10M MII mode, TXER is not used.
• 100M MII mode:
– The ICS1893 synchronously samples its TXER signal on the rising
edges of its TXCLK signal.
– The assertion of TXER by the MAC/repeater causes the ICS1893 to
transmit an Invalid Symbol.
– the Invalid Error Code Test bit (bit 16.2) is set to logic one, the 5-bit
symbol shown in the Invalid Error Code Translation Table (Table
8-17) is used instead of the normal 4B/5B encoding described in the
ISO/IEC specification.
Note: The Invalid Symbol used for this function is the HALT symbol,
which is substituted for the transmit nibble received from the
MAC/repeater whenever the TXER is asserted.
Table 9-5.
MAC/Repeater Interface Pins: Media Independent Interface (MII) (Continued)
Pin
Name
Pin
Number
Pin
Type
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com