Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893 Datasheet(PDF) 111 Page - Integrated Circuit Systems

Part # ICS1893
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893 Datasheet(HTML) 111 Page - Integrated Circuit Systems

Back Button ICS1893 Datasheet HTML 107Page - Integrated Circuit Systems ICS1893 Datasheet HTML 108Page - Integrated Circuit Systems ICS1893 Datasheet HTML 109Page - Integrated Circuit Systems ICS1893 Datasheet HTML 110Page - Integrated Circuit Systems ICS1893 Datasheet HTML 111Page - Integrated Circuit Systems ICS1893 Datasheet HTML 112Page - Integrated Circuit Systems ICS1893 Datasheet HTML 113Page - Integrated Circuit Systems ICS1893 Datasheet HTML 114Page - Integrated Circuit Systems ICS1893 Datasheet HTML 115Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 152 page
background image
Chapter 9
Pin Diagram, Listings, and Descriptions
ICS1893 Rev C 6/6/00
June, 2000
111
ICS1893 - Release
Copyright © 2000, Integrated Circuit Systems, Inc.
All rights reserved.
HW/SW
23
Input
Hardware/Software (Select).
When the signal on this pin is logic:
• Low, this pin selects Hardware mode operations.
• High, this pin selects Software mode operations.
LOCK
27
Output
(Stream Cipher) Lock (Acquired).
When the signal on this pin is logic:
• Low, the ICS1893 does not have a lock on the data stream.
• High, the ICS1893 has a lock on the data stream.
LSTA
21
Output
Link Status.
This pin is used to report the status of the link segment. When the
signal on this pin is logic:
• Low, there is no link established.
• High, there is a link established.
This pin is mapped according to the interface for which the ICS1893 is
mapped. For the:
• Media Independent Interface (MII), the LSTA is mapped as LSTA.
• 100M Symbol Interface, the LSTA is mapped as SD.
• 10M Serial Interface, the LSTA is mapped as LSTA.
• Link Pulse Interface, the LSTA is mapped as SD.
MII/SI
19
Input
Media Independent Interface / Stream Interface (Select).
This pin is used in combination with the 10/LP and 10/100SEL pins to
configure the ICS1893 MAC/Repeater Interface. When the signal on
this pin is logic:
• Low, this pin configures the MAC/Repeater Interface as a Media
Independent Interface.
• High, this pin configures the MAC/Repeater Interface as a Stream
Interface.
NOD/REP
1
Input
Node/Repeater (Select).
This selection on this pin affects both the SQE test and the Carrier
Sense (CSR) signal. When the signal on this pin is logic:
• Low, this pin enables the ICS1893 to default to node operations.
• High, this pin enables the ICS1893 to default to repeater
operations.
REF_IN
53
Input
(Frequency) Reference Input.
This pin is connected to a 25-MHz oscillator. For a tolerance, see
Section 10.5.1, “Timing for Clock Reference In (REF_IN) Pin”.
REF_OUT
52
Input
(Frequency) Reference Output.
This pin is eserved and must be left unconnected.
RESETn
18
Input
(System) Reset (Active Low).
• When the signal on this active-low pin is logic:
– Low, the ICS1893 is in hardware reset.
– High, the ICS1893 is operational.
• For more information on hardware resets, see the following:
– Section 5.1.2.1, “Hardware Reset”
– Section 10.5.18, “Reset: Hardware Reset and Power-Down”
Table 9-4.
Configuration Pins (Continued)
Pin
Name
Pin
Number
Pin
Type
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com