Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893 Datasheet(PDF) 110 Page - Integrated Circuit Systems

Part # ICS1893
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893 Datasheet(HTML) 110 Page - Integrated Circuit Systems

Back Button ICS1893 Datasheet HTML 106Page - Integrated Circuit Systems ICS1893 Datasheet HTML 107Page - Integrated Circuit Systems ICS1893 Datasheet HTML 108Page - Integrated Circuit Systems ICS1893 Datasheet HTML 109Page - Integrated Circuit Systems ICS1893 Datasheet HTML 110Page - Integrated Circuit Systems ICS1893 Datasheet HTML 111Page - Integrated Circuit Systems ICS1893 Datasheet HTML 112Page - Integrated Circuit Systems ICS1893 Datasheet HTML 113Page - Integrated Circuit Systems ICS1893 Datasheet HTML 114Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 152 page
background image
ICS1893 Rev C 6/6/00
June, 2000
110
Chapter 9
Pin Diagram, Listings, and Descriptions
ICS1893 Data Sheet - Release
Copyright © 2000, Integrated Circuit Systems, Inc.
All rights reserved.
9.3.3
Configuration Pins
Table 9-4 lists the configuration pins.
Table 9-4.
Configuration Pins
Pin
Name
Pin
Number
Pin
Type
Pin Description
10/100SEL
2
Input or
Output
10Base-T / 100Base-TX Select.
The ‘Pin Type’for this pin depends on the setting for the HW/SW pin
(pin 23). When the HW/SW pin is set for:
• Hardware mode, this pin acts as an input. In this case, when the
signal on this pin is logic:
– Low, this pin selects 10Base-T operations.
– High, this pin selects 100Base-TX operations.
• Software mode, this pin acts as an output that indicates the current
status of this pin. In this case, when the signal on this pin is logic:
– Low, this pin indicates 10Base-T operations are selected.
– High, this pin indicates 100Base-TX operations are selected.
10TCSR
9
Input
10M Transmit Current Set Resistor.
• A resistor, connected between this pin and ground, is required to
establish the value of the transmit current used in 10Base-T mode.
• The value and tolerance of this resistor is specified in Section 10.3,
“Recommended Component Values”.
100TCSR
10
Input
100M Transmit Current Set Resistor.
• A resistor, connected between this pin and ground, is required to
establish the value of the transmit current used in 100Base-TX
mode.
• The value and tolerance of this resistor is specified in Section 10.3,
“Recommended Component Values”.
ANSEL
26
Input or
Output
Auto-Negotiation Select.
The ‘Pin Type’for this pin depends on the setting for the HW/SW pin
(pin 23). When the HW/SW pin is set for:
• Hardware mode, this pin acts as an input. In this case, when the
signal on this pin is logic:
– Low, this pin does not select Auto-Negotiation operations.
– High, this pin selects Auto-Negotiation operations.
• Software mode, this pin acts as an output that indicates the current
status of this pin. In this case, when the signal on this pin is logic:
– Low, this pin indicates that Auto-Negotiation is disabled.
– High, this pin indicates that Auto-Negotiation is enabled.
DPXSEL
24
Input or
Output
Half-Duplex / Full-Duplex Select.
The ‘Pin Type’for this pin depends on the setting for the HW/SW pin
(pin 23). When the HW/SW pin is set for:
• Hardware mode, this pin acts as an input. In this case, when the
signal on this pin is logic:
– Low, this pin selects half-duplex operations.
– High, this pin selects full-duplex operations.
• Software mode, this pin acts as an output that indicates the current
status of this pin. In this case, when the signal on this pin is logic:
– Low, this pin indicates that it is set for half-duplex operations.
– High, this pin indicates that it is set for full-duplex operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com