Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS2002 Datasheet(PDF) 14 Page - Integrated Circuit Systems

Part # ICS2002
Description  Wavedec Digital Audio Codec
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS2002 Datasheet(HTML) 14 Page - Integrated Circuit Systems

Back Button ICS2002 Datasheet HTML 10Page - Integrated Circuit Systems ICS2002 Datasheet HTML 11Page - Integrated Circuit Systems ICS2002 Datasheet HTML 12Page - Integrated Circuit Systems ICS2002 Datasheet HTML 13Page - Integrated Circuit Systems ICS2002 Datasheet HTML 14Page - Integrated Circuit Systems ICS2002 Datasheet HTML 15Page - Integrated Circuit Systems ICS2002 Datasheet HTML 16Page - Integrated Circuit Systems ICS2002 Datasheet HTML 17Page - Integrated Circuit Systems ICS2002 Datasheet HTML 18Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
FIFO Control/Status Registers
IR8C FIFO Enable/Status (FES)
Bit 0 - FIFO Enable (FE)
This bit holds the FIFO in a reset state when low, and
enables the FIFO to operate when high. This bit is reset
by MCR. This bit, when low, also resets all FIFO related
conditions (see the following bits) and prevents DMA
start requests from being issued. It does not reset the
FIFO IRQ Mode register.
Bit 1 - FIFO Overflow (read only)
This bit is set when a FIFO shift in command is gener-
ated (by either DMA, I/O, or the DSP) with the FIFO
full, and indicates an error condition. This bit will cause
the FOUIRQ bit to go active, generating an IRQ if
enabled. This bit is reset by writing to STATUS with bit
4 = 1, and re-enabled by writing to STATUS with bit 4
= 0. FE low also resets this bit.
Bit 2 - FIFO Underflow (read only)
This bit is set when a FIFO shift out command is
generated (by either DMA, I/O, or the DSP) with the
FIFO empty, and indicates an error condition. This bit
will cause the FOUIRQ bit to go active, generating an
IRQ if enabled. This bit is reset by writing to STATUS
with bit 4 = 1, and re-enabled by writing to STATUS
with bit 4 = 0. FE low also resets this bit.
Bit 3 - FIFO 25% Full (read only)
This bit goes high after 4 words (or 8 bytes) have been
loaded into the FIFO, and low again when 13 words (or
26 bytes) may be loaded into the FIFO. There is no
interrupt associated with this bit directly.
Bit 4 - FIFO 50% Full (read only)
This bit goes high after 8 words (or 16 bytes) have been
loaded into the FIFO, and low again when 9 words (or
18 bytes) may be loaded into the FIFO. There is no
interrupt associated with this bit directly.
Bit 5 - FIFO 75% Full (read only)
This bit goes high after 12 words (or 24 bytes) have
been loaded into the FIFO, and low again when 5 words
(or 10 bytes) may be loaded into the FIFO. There is no
interrupt associated with this bit directly.
Bit 6 - FIFO DIR (read only)
This bit goes high when a single word (or two bytes)
may be written to the FIFO. There is no interrupt
associated with this bit directly. Note that this bit resets
to a one because when the FIFO is reset it is forced to
be empty, and hence is ready to accept data.
Bit 7 - FIFO DOR (read only)
This bit goes high when a single word (or two bytes)
may be read from the FIFO. There is no interrupt
associated with this bit directly.
IR8D FIFO IRQ Mode
This register must never be written to when the FIFO is enabled.
Invalid interrupts and DMA requests could be generated as a
result.
Bits 7:4 - reserved
Bit 3 - FIFO IRQ Enable (FIE)
This bit enables the various FIFO capacity thresholds
to generate interrupts (as PLAYIRQ) when one. When
zero, this bit prevents FIFO capacity IRQ generation
when operating in DMA mode, which only needs
TCIRQ.
Bits 2:0 - FIFO Ready IRQ Mode Selection
This field defines FIFO utilization for both DMA and
I/O mode data transfers. In I/O mode, it is used to
generate interrupts (FRDYIRQ) when the FIFO capac-
ity reaches a predefined point. For DMA transfers, it
signals the DMA logic to request a transfer at those
same predefined points. By programming the DMA
Burst Count appropriately, the FIFO may be easily kept
near the desired capacity.
The following table describes the selections available:
Bits
2:0
IRQ/DRQ
Source
Notes
000
DIR
Ready to take 1 word from HOST
001
EMPTY 75%
Ready to take 13 words from
HOST
010
EMPTY 50%
Ready to take 9 words from HOST
011
EMPTY 25%
Ready to take 5 words from HOST
100
DOR
Ready to provide 1 word to DSP
101
FULL 25%
Ready to provide 4 words to DSP
110
FULL 50%
Ready to provide 8 words to DSP
111
FULL 75%
Ready to provide 12 words to DSP
Note that for byte transfers (DMA16=0), the numbers listed
above should be doubled.
This must be programmed before the FIFO is enabled. It may
be changed while the FIFO is enabled, if necessary. This
register is cleared by MCR, but not by FE low.
ICS2002
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com