Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS2002 Datasheet(PDF) 20 Page - Integrated Circuit Systems

Part # ICS2002
Description  Wavedec Digital Audio Codec
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS2002 Datasheet(HTML) 20 Page - Integrated Circuit Systems

Back Button ICS2002 Datasheet HTML 13Page - Integrated Circuit Systems ICS2002 Datasheet HTML 14Page - Integrated Circuit Systems ICS2002 Datasheet HTML 15Page - Integrated Circuit Systems ICS2002 Datasheet HTML 16Page - Integrated Circuit Systems ICS2002 Datasheet HTML 17Page - Integrated Circuit Systems ICS2002 Datasheet HTML 18Page - Integrated Circuit Systems ICS2002 Datasheet HTML 19Page - Integrated Circuit Systems ICS2002 Datasheet HTML 20Page - Integrated Circuit Systems ICS2002 Datasheet HTML 21Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
WO
WT
.029
± .003
WO
WT
.050
± .002
PIN 1 IDENT.
.070 DIA X .025 DP.
.045 X 45 DEG
CORNER CHAMFER
WB
WB
.030
± .005
.035
± .005
.029
± .005
.035 R TYP
7
± 2 DEG
.020 MIN
.015 REF
.010 MIN
.006 MIN
7
± 2 DEG
WC
TP
TF
.045 X 45 DEG
CORNER CHAMFER
44-Pin PLCC Package
LEAD COUNT
FRAME
THICKNESS
TF
+/-.003
PKG.
THICKNESS
TP
+/-.004
PKG. WIDTH
TOP
WT
+/-.004
PKG. WIDTH
BOTTOM
WB
+/-.066
OVERALL
PKG. WIDTH
WO
+/-.005
CONTACT
WIDTH
WO
+.010/-.030
44L
0.010
0.152
0.650
0.623
0.690
0.620
Ordering Information
ICS2002V
Example:
ICS XXXX M
Package Type
V=PLCC
Device Type (consists of 3 or 4 digit numbers)
Prefix
ICS, AV=Standard Device; GSP=Genlock Device
ICS2002
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com