Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS2002 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS2002
Description  Wavedec Digital Audio Codec
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS2002 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS2002 Datasheet HTML 1Page - Integrated Circuit Systems ICS2002 Datasheet HTML 2Page - Integrated Circuit Systems ICS2002 Datasheet HTML 3Page - Integrated Circuit Systems ICS2002 Datasheet HTML 4Page - Integrated Circuit Systems ICS2002 Datasheet HTML 5Page - Integrated Circuit Systems ICS2002 Datasheet HTML 6Page - Integrated Circuit Systems ICS2002 Datasheet HTML 7Page - Integrated Circuit Systems ICS2002 Datasheet HTML 8Page - Integrated Circuit Systems ICS2002 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Integrated
Circuit
Systems, Inc.
ICS2002
Wavedec
™
™ Digital Audio Codec
ICS2002RevF093094
Features
•• Digital audio 8/16-bit record/playback
•• Fully programmable sample rates including industry
standards:
- 44.1 kHz
- 22.050 kHz
- 11.025 kHz
- 8.00 kHz
- 5.513 kHz
•• DAC output oversampled to simplify external filtering.
•• Four data formats:
- 16 bit linear
- 8 bit linear
- 8 bit u-law
- 8 bit a-law
•• 16 step analog output level control, -1.5dB/step
•• 8-bit log scale digital volume control
•• Oversampling ADC with input filter.
•• Programmable IIR filters for input anti-aliasing and output
reconstruction.
•• ISA bus interface
•• 8/16-bit DMA and I/O transfer modes
•• Input/output FIFO buffer
•• Power-down mode
•• 44-pin PLCC package
Block Diagram
Description
The ICS2002 is a mixed-signal integrated circuit providing a
low-cost recording and playback solution for multimedia audio
applications. These applications include document annotation,
voice mail, interactive games, multimedia sound record/play-
back, and Windows
™
™ sound production. The ICS2002 sup-
ports the record and playback of 16-bit audio data, and provides
a 8/16-bit parallel interface to the industry standard PC bus.
Wavedec is a trademark of Integrated Circuit Systems, Inc.


Similar Part No. - ICS2002

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS200 ICST-ICS200 Datasheet
316Kb / 21P
SMPTE Time Code Receiver/Generator
Rev D 4/05/05
ICS2008B ICST-ICS2008B Datasheet
316Kb / 21P
SMPTE Time Code Receiver/Generator
Rev D 4/05/05
logo
Integrated Device Techn...
ICS2008B IDT-ICS2008B Datasheet
335Kb / 22P
SMPTE Time Code Receiver/Generator
logo
Renesas Technology Corp
ICS2008B RENESAS-ICS2008B Datasheet
733Kb / 23P
SMPTE Time Code Receiver/Generator
2019
logo
Integrated Circuit Syst...
ICS2008BEB ICST-ICS2008BEB Datasheet
316Kb / 21P
SMPTE Time Code Receiver/Generator
Rev D 4/05/05
More results

Similar Description - ICS2002

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1342TS PHILIPS-UDA1342TS Datasheet
180Kb / 44P
Audio CODEC
2000 Mar 29
logo
YAMAHA CORPORATION
YMF753 YAMAHA-YMF753 Datasheet
185Kb / 26P
AC97 Revision2.2 Audio CODEC with Digital Audio I/F
logo
Texas Instruments
TAS3002 TI-TAS3002 Datasheet
350Kb / 74P
Digital Audio Processor With Codec
TAS3004 TI-TAS3004 Datasheet
371Kb / 80P
Digital Audio Processor With Codec
logo
YAMAHA CORPORATION
YMF743 YAMAHA-YMF743 Datasheet
170Kb / 24P
AC??7 Revsion2.1 Audio CODEC with Digital Audio I/F
logo
Texas Instruments
TAS3004PFB TI1-TAS3004PFB Datasheet
1Mb / 84P
DIgital Audio Processor With Codec
TAS3002 TI1-TAS3002_14 Datasheet
289Kb / 55P
Digital Audio Processor With Codec
logo
Asahi Kasei Microsystem...
AK4601VQ AKM-AK4601VQ Datasheet
2Mb / 111P
Audio HUB CODEC with Digital Mixer
logo
Analog Devices
ADAU1361 AD-ADAU1361 Datasheet
1Mb / 80P
Audio Codec
8/2018-Rev. C to Rev. D
logo
Asahi Kasei Microsystem...
AK4601 AKM-AK4601 Datasheet
2Mb / 111P
Audio HUB CODEC with Digital Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com