Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS2510C Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS2510C
Description  3.3V Phase-Lock Loop Clock Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS2510C Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS2510C Datasheet HTML 1Page - Integrated Circuit Systems ICS2510C Datasheet HTML 2Page - Integrated Circuit Systems ICS2510C Datasheet HTML 3Page - Integrated Circuit Systems ICS2510C Datasheet HTML 4Page - Integrated Circuit Systems ICS2510C Datasheet HTML 5Page - Integrated Circuit Systems ICS2510C Datasheet HTML 6Page - Integrated Circuit Systems ICS2510C Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
ICS2510C
Absolute Maximum Ratings
Supply Voltage (AVCC) . . . . . . . . . . . . . . . . . . . AVCC < (Vcc + 0.7V)
Supply Voltage (VCC) . . . . . . . . . . . . . . . . . . . . 4.3 V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND –0.5 V to Vcc +0.5 V
Ambient Operating Temperature . . . . . . . . . . . . 0°C to +70°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are
stress specifications only and functional operation of the device at these or any other conditions above those listed in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect product reliability.
Electrical Characteristics - OUTPUT
T
A = 0 - 70C; VDD = VDDL = 3.3 V +/-10%; CL = 20 - 30 pF; RL = 470 Ohms (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Impedance
R
DSP
V
O = VDD*(0.5)
36
Ω
Output Impedance
R
DSN
V
O = VDD*(0.5)
32
Ω
Output High Voltage
V
OH
I
OH = -8 mA
2.4
2.9
V
Output Low Voltage
V
OL
I
OL = 8 mA
0.25
0.4
V
V
OH = 2.4 V
-26
-13.6
V
OH = 2.0 V
-37
-22
V
OL = 0.8 V
19
25
V
OL = 0.55 V
13
17
Rise Time
1
T
r
V
OL = 0.8 V, VOH = 2.0 V
0.5
1.4
2.1
ns
Fall Time
1
T
f
V
OH = 2.0 V, VOL = 0.8 V
0.5
1.5
2.7
ns
Duty Cycle
1
D
t
V
T = 1.5 V;CL=30 pF
45
50
55
%
at 66-100 MHz ; loaded outputs
52
100
at 133 MHz ; loaded outputs
39
75
Absolute Jitter
1
Tjabs
10000 cycles; C
L = 30 pF
57
ps
Skew
1
T
sk
V
T = 1.5 V (Window) Output to Output
80
150
ps
Phase error
1
T
pe
V
T = Vdd/2; CLKIN-FBIN
-150
40
150
ps
Phase error Jitter
1
T
pe
3
V
T = Vdd/2; CLKIN-FBIN; Delay Jitter
-50
35
50
ps
Delay Input-Output
1
D
R1
V
T = 1.5 V; PLL_EN = 0
3.3
3.7
ns
1 Guaranteed by design, not 100% tested in production.
Cycle to Cycle jitter
1
Tcyc-cyc
ps
Output High Current
Output Low Current
I
OH
I
OL
mA
mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com