Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS2510C Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS2510C
Description  3.3V Phase-Lock Loop Clock Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS2510C Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS2510C Datasheet HTML 1Page - Integrated Circuit Systems ICS2510C Datasheet HTML 2Page - Integrated Circuit Systems ICS2510C Datasheet HTML 3Page - Integrated Circuit Systems ICS2510C Datasheet HTML 4Page - Integrated Circuit Systems ICS2510C Datasheet HTML 5Page - Integrated Circuit Systems ICS2510C Datasheet HTML 6Page - Integrated Circuit Systems ICS2510C Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
ICS2510C
Block Diagram
3.3V Phase-Lock Loop Clock Driver
2510 C Rev D 06/15/01
Pin Configuration
The ICS2510C is a high performance, low skew, low jitter
clock driver. It uses a phase lock loop (PLL) technology to
align, in both phase and frequency, the CLKIN signal with
the CLKOUT signal. It is specifically designed for use with
synchronous SDRAMs. The ICS2510C operates at 3.3V VCC
and drives up to ten clock loads.
One bank of ten outputs provide low-skew, low-jitter copies
of CLKIN. Output signal duty cycles are adjusted to 50
percent, independent of the duty cycle at CLKIN. Outputs
can be enabled or disabled via control (OE) inputs. When the
OE inputs are high, the outputs align in phase and frequency
with CLKIN; when the OE inputs are low, the outputs are
disabled to the logic low state.
The ICS2510C does not require
external RC filter
components. The loop filter for the PLL is included on-chip,
minimizing component count, board space, and cost. The test
mode shuts off the PLL and connects the input directly to the
output buffer. This test mode, the ICS2510C can be use as
low skew fanout clock buffer device. The ICS2510C comes
in 24 pin 173mil Thin Shrink Small-Outline package (TSSOP)
package.
•
Meets or exceeds PC133 registered DIMM
specification1.1
•
Spread Spectrum Clock Compatible
•
Distributes one clock input to one bank of ten outputs
•
Operating frequency 25MHz to 175MHz
•
External feedback input (FBIN) terminal is used to
synchrionize the outputs to the clock input
•
No external RC network required
•
Operates at 3.3V Vcc
•
Plastic 24-pin 173mil TSSOP package
FBIN
CLKIN
AVCC
OE
PLL
CLK1
CLK0
FBOUT
CLK2
CLK3
CLK4
CLK5
CLK6
CLK7
CLK8
CLK9
AGND
VCC
CLK0
CLK1
CLK2
GND
GND
CLK3
CLK4
VCC
OE
FBOUT
CLKIN
AVCC
VCC
CLK9
CLK8
GND
GND
CLK7
CLK6
CLK5
VCC
FBIN
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
ICS reserves the right to make changes in the device data identified in
this publication without further notice. ICS advises its customers to
obtain the latest version of all device data to verify that any
information being relied upon by the customer is current and accurate.
24 Pin TSSOP
4.40 mm. Body, 0.65 mm. pitch


Similar Part No. - ICS2510C

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS2510C IDT-ICS2510C Datasheet
86Kb / 7P
Distributes one clock input to one bank of ten outputs
logo
Renesas Technology Corp
ICS2510C RENESAS-ICS2510C Datasheet
322Kb / 8P
3.3V Phase-Lock Loop Clock Driver
2019
More results

Similar Description - ICS2510C

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS2509C ICST-ICS2509C Datasheet
248Kb / 7P
3.3V Phase-Lock Loop Clock Driver
Rev C 06/15/01
logo
Integrated Device Techn...
IDTCSPF2510C IDT-IDTCSPF2510C Datasheet
69Kb / 8P
3.3V PHASE-LOCK LOOP CLOCK DRIVER
logo
Texas Instruments
CDC2509C TI1-CDC2509C_15 Datasheet
696Kb / 17P
3.3V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510 TI1-CDC2510_15 Datasheet
608Kb / 13P
3.3V Phase-Lock Loop Clock Driver
CDC2510B TI1-CDC2510B_15 Datasheet
632Kb / 14P
3.3V Phase-Lock Loop Clock Driver
CDC2510C TI1-CDC2510C_15 Datasheet
687Kb / 17P
3.3V Phase- Lock Loop Clock Driver
CDC2536 TI1-CDC2536_14 Datasheet
490Kb / 15P
3.3V PHASE-LOCK LOOP CLOCK DRIVER
CDCF2509 TI1-CDCF2509_15 Datasheet
638Kb / 15P
3.3V Phase-Lock Loop Clock Driver
CDCF2510 TI1-CDCF2510_15 Datasheet
473Kb / 15P
3.3V Phase-Lock Loop Clock Driver
logo
Renesas Technology Corp
ICS2510C RENESAS-ICS2510C Datasheet
322Kb / 8P
3.3V Phase-Lock Loop Clock Driver
2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com