Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS2510C Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS2510C
Description  3.3V Phase-Lock Loop Clock Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS2510C Datasheet(HTML) 7 Page - Integrated Circuit Systems

  ICS2510C Datasheet HTML 1Page - Integrated Circuit Systems ICS2510C Datasheet HTML 2Page - Integrated Circuit Systems ICS2510C Datasheet HTML 3Page - Integrated Circuit Systems ICS2510C Datasheet HTML 4Page - Integrated Circuit Systems ICS2510C Datasheet HTML 5Page - Integrated Circuit Systems ICS2510C Datasheet HTML 6Page - Integrated Circuit Systems ICS2510C Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
ICS2510C
Ordering Information
ICS2510CG-T
Designation for tape and reel packaging
Pattern Number (2 or 3 digit number for parts with ROM code patterns)
Package Type
G=TSSOP
Revision Designator (will not correlate with datasheet revision)
Device Type (consists of 3 or 4 digit numbers)
Prefix
ICS, AV = Standard Device
Example:
ICS XXXX y G - PPP - T
ICS reserves the right to make changes in the device data identified in
this publication without further notice. ICS advises its customers to
obtain the latest version of all device data to verify that any
information being relied upon by the customer is current and accurate.
4.40 mm. Body, 0.65 mm. pitch TSSOP
(173 mil)
(0.0256 Inch)
INDEX
AREA
INDEX
AREA
12
1 2
N
D
E1
E
α
SEATING
PLANE
SEATING
PLANE
A1
A
A2
e
-C-
- C -
b
c
L
aaa
C
MIN
MAX
MIN
MAX
A
--
1.20
--
.047
A1
0.05
0.15
.002
.006
A2
0.80
1.05
.032
.041
b
0.19
0.30
.007
.012
c
0.09
0.20
.0035
.008
D
E
E1
4.30
4.50
.169
.177
e
L
0.45
0.75
.018
.030
N
α
0°
8°
0°
8°
aaa
--
0.10
--
.004
VARIATIONS
MIN
MAX
MIN
MAX
24
7.70
7.90
.303
.311
10-0035
SYMBOL
In Millimeters
In Inches
COMMON DIMENSIONS
COMMON DIMENSIONS
SEE VARIATIONS
SEE VARIATIONS
6.40 BASIC
0.252 BASIC
0.65 BASIC
0.0256 BASIC
SEE VARIATIONS
SEE VARIATIONS
N
D mm.
D (inch)
Reference Doc.: JEDEC Publication 95, MO-153



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com