Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS503 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS503
Description  LOCO??PLL Clock Multiplier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS503 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS503 Datasheet HTML 1Page - Integrated Circuit Systems ICS503 Datasheet HTML 2Page - Integrated Circuit Systems ICS503 Datasheet HTML 3Page - Integrated Circuit Systems ICS503 Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
S1
S0
Multiplier Typical Input (MHz) CLK (MHz) Input Range (MHz) at 5V Input Range (MHz) at 3.3V
0
0
10
10
100
2
≤ Input ≤ 16
2
≤ Input ≤ 10
0
M
16
10
160
2
≤ Input ≤ 10
2
≤ Input ≤ 6
0
1
1.1111
27
30.00
20
≤ Input ≤ 50
20
≤ Input ≤ 40
M
0
2.4444
14.31818
35.00
10
≤ Input ≤ 50
10
≤ Input ≤ 40
M
M
2.4164
14.31818
34.60
10
≤ Input ≤ 50
10
≤ Input ≤ 40
M
1
2.4
14.31818
34.36
10
≤ Input ≤ 50
10
≤ Input ≤ 40
1
0
5.5873
14.31818
80.00
14
≤ Input ≤ 28
14
≤ Input ≤ 18
1
M
1.1827
14.31818
16.934
14
≤ Input ≤ 30
14
≤ Input ≤ 30
1
1
4.1905
14.31818
60.00
5
≤ Input ≤ 38
5
≤ Input ≤ 24
ICS503
LOCO™ PLL Clock Multiplier
MDS 503 A
2
Revision 111000
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose •CA•95126•(408) 295-9800tel • www.icst.com
PRELIMINARY
PRELIMINARY INFORMATION
INFORMATION
Pin Assignment
1
8
2
3
4
7
6
5
X1/ICLK
VDD
GND
NC
X2
S1
S0
CLK
Number
Name
Type
Description
1
X1/ICLK
I
Crystal connection or clock input.
2
VDD
P
Connect to +3.3V or +5V.
3
GND
P
Connect to ground.
4
NC
-
Nothing is connected to this pin.
5
CLK
O
Clock output per Table above. Output frequency equals input frequency times multiplier.
6
S0
TI
Select 0 for output clock. Connect to GND or VDD or float.
7
S1
TI
Select 1 for output clock. Connect to GND or VDD or float.
8
X2
O
Crystal connection. Leave unconnected for clock input.
Pin Descriptions
Key: I = Input, TI = Tri-Level Input, O = output, P = power supply connection
Clock Decoding Table (MHz)
0 = connect directly to ground, 1 = connect directly to VDD, M = leave unconnected (floating).



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com