Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS503 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS503
Description  LOCO??PLL Clock Multiplier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS503 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS503 Datasheet HTML 1Page - Integrated Circuit Systems ICS503 Datasheet HTML 2Page - Integrated Circuit Systems ICS503 Datasheet HTML 3Page - Integrated Circuit Systems ICS503 Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ICS503
LOCO™ PLL Clock Multiplier
MDS 503 A
4
Revision 111000
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose •CA•95126•(408) 295-9800tel • www.icst.com
PRELIMINARY
PRELIMINARY INFORMATION
INFORMATION
While the information presented herein has been checked for both accuracy and reliability, ICS/MicroClock assumes no responsibility for either its use or for the infringement of
any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal
commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not
recommended without additional processing by ICS/MicroClock. ICS/MicroClock reserves the right to change any circuitry or specifications without notice. ICS/MicroClock
does not authorize or warrant any ICS/MicroClock product for use in life support devices or critical medical instruments.
Package Outline and Package Dimensions
Inches
Inches
Millimeters
Millimeters
Symbol
Min
Max
Min
Max
A
0.055
0.068
1.397
1.7272
b
0.013
0.019
0.330
0.483
D
0.185
0.200
4.699
5.080
E
0.150
0.160
3.810
4.064
H
0.225
0.245
5.715
6.223
e
.050 BSC
.050 BSC
1.27 BSC
1.27 BSC
h
0.015
0.381
Q
0.004
0.01
0.102
0.254
8 pin SOIC
Ordering Information
Part/Order Number
Marking
Package
Temperature
ICS503M
ICS503M
8 pin SOIC
0-70°C
ICS503MT
ICS503M
8 pin SOIC on tape and reel
0-70°C
External Components / Crystal Selection
The ICS503 requires a 0.01µF decoupling capacitor to be connected between VDD and GND. It must be
connected close to the ICS503 to minimize lead inductance. No external power supply filtering is required
for this device. A 33
Ω terminating resistor can be used next to the CLK pin. The total on-chip capacitance
is approximately 6 pF, so a parallel resonant, fundamental mode crystal should be used. If exact tuning of
the frequency is required, crystal capacitors should be connected from each of the pins X1 and X2 to
ground as shown in the Block Diagram on page 1. The value (in pF) of these crystal caps should be equal
to (CL-6)*2, where CL is the crystal load capacitance in pF. These external capacitors are only required for
applications where the exact frequency is critical. For a clock input, connect to X1 and leave X2
unconnected (no capacitors on either).
c
A
b
D
E
H
e
h x 45°
Q
Pin 1
LOCO is a trademark of ICS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com