Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS503 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS503
Description  LOCO??PLL Clock Multiplier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS503 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS503 Datasheet HTML 1Page - Integrated Circuit Systems ICS503 Datasheet HTML 2Page - Integrated Circuit Systems ICS503 Datasheet HTML 3Page - Integrated Circuit Systems ICS503 Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ICS503
LOCO™ PLL Clock Multiplier
MDS 503 A
3
Revision 111000
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose •CA•95126•(408) 295-9800tel • www.icst.com
PRELIMINARY
PRELIMINARY INFORMATION
INFORMATION
Parameter
Conditions
Minimum
Typical
Maximum
Units
ABSOLUTE MAXIMUM RATINGS (stresses beyond these can permanently damage the device)
ABSOLUTE MAXIMUM RATINGS (stresses beyond these can permanently damage the device)
ABSOLUTE MAXIMUM RATINGS (stresses beyond these can permanently damage the device)
ABSOLUTE MAXIMUM RATINGS (stresses beyond these can permanently damage the device)
Supply Voltage, VDD
Referenced to GND
7
V
Inputs
Referenced to GND
-0.5
VDD+0.5
V
Clock Output
Referenced to GND
-0.5
VDD+0.5
V
Ambient Operating Temperature
0
70
°C
Soldering Temperature
Max of 10 seconds
260
°C
Storage temperature
-65
150
°C
DC CHARACTERISTICS (VDD = 5.0V unless otherwise noted)
DC CHARACTERISTICS (VDD = 5.0V unless otherwise noted)
Operating Voltage, VDD
3
5.5
V
Input High Voltage, VIH, ICLK only
ICLK (Pin 1)
(VDD/2)+1
VDD/2
V
Input Low Voltage, VIL, ICLK only
ICLK (Pin 1)
VDD/2
(VDD/2)-1
V
Input High Voltage, VIH
S1, S0
VDD-0.5
V
Input Low Voltage, VIL
S1, S0
0.5
V
Output High Voltage, VOH, CMOS high
IOH=-4mA
VDD-0.4
V
Output High Voltage, VOH
IOH=-25mA
2.4
V
Output Low Voltage, VOL
IOL=25mA
0.4
V
IDD Operating Supply Current, 14 MHz crystal No Load, 80MHz
16
mA
Short Circuit Current
CLK output
±70
mA
Input Capacitance, S1, S0
Pins 6, 7
4
pF
AC CHARACTERISTICS (VDD = 5.0V unless otherwise noted)
AC CHARACTERISTICS (VDD = 5.0V unless otherwise noted)
Input Frequency, crystal input
See table on page 2
5
27
MHz
Input Frequency, clock input
See table on page 2
2
50
MHz
Output Frequency
VDD = 4.5 to 5.5V
14
160
MHz
Output Frequency
VDD = 3.0 to 3.6V
14
100
MHz
Output Clock Rise Time
0.8 to 2.0V
1
ns
Output Clock Fall Time
2.0 to 0.8V
1
ns
Output Clock Duty Cycle
at VDD/2
45
49 to 51
55
%
Absolute Clock Period Jitter
Deviation from mean
±120
ps
One Sigma Clock Period Jitter
50
ps
Electrical Specifications



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com