Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS508 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS508
Description  PECL to CMOS Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS508 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS508 Datasheet HTML 1Page - Integrated Circuit Systems ICS508 Datasheet HTML 2Page - Integrated Circuit Systems ICS508 Datasheet HTML 3Page - Integrated Circuit Systems ICS508 Datasheet HTML 4Page - Integrated Circuit Systems ICS508 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ICS508
PECL to CMOS Converter
MDS 508 C
2
Revision 012400
Printed 11/13/00
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose •CA•95126•(408) 295-9800tel • www.icst.com
PRELIMINARY INFORMATION
Pin Assignment
18
2
3
4
7
6
5
VDDP
PECLIN
GND
VDDC
CLK
GND
OE
Number
Name
Type
Description
1
VDDP
O
Connect to 3.3 V or 5 V. Supplies PECL input buffer.
2
I
Complementary PECL clock input.
3
PECLIN
I
PECL clock input.
4
GND
P
Connect to ground.
5
OE
I
Output enable. Tri-states CLK output when low. Internal pull-up to VDDC.
6
GND
P
Connect to ground.
7
CLK
O
Clock output.
8
VDDC
P
Connect to 2.5 V, or 3.3 V or 5 V. Supplies output buffer and OE pin.
Pin Descriptions
Key: I = Input, O = output, P = power supply connection
PECLIN
PECLIN



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com