Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS508 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS508
Description  PECL to CMOS Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS508 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS508 Datasheet HTML 1Page - Integrated Circuit Systems ICS508 Datasheet HTML 2Page - Integrated Circuit Systems ICS508 Datasheet HTML 3Page - Integrated Circuit Systems ICS508 Datasheet HTML 4Page - Integrated Circuit Systems ICS508 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ICS508
PECL to CMOS Converter
MDS 508 C
3
Revision 012400
Printed 11/13/00
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose •CA•95126•(408) 295-9800tel • www.icst.com
PRELIMINARY INFORMATION
DC CHARACTERISTICS (VDDP = VD
DDC = 3.3 V unless oth
herwise noted)
Operating Voltage, VDDP
Note 1
3
5.5
V
Operating Voltage, VDDC
Note 1
2.375
5.5
V
Peak to Peak Input Voltage, PECLIN
0.3
1
V
Common Mode Range, PECLIN
VDDP = 5 V
VDDP - 3.7
VDDP - 0.6
V
Common Mode Range, PECLIN
VDDP = 3.3 V
VDDP - 2.0
VDDP - 0.6
V
Input High Voltage, VIH
OE only
2
VDDC
V
Input Low Voltage, VIL
OE only
0.8
V
Output High Voltage, VOH
VDDC = 5 V, IOH = -24 mA
VDDC-0.4
V
Output High Voltage, VOL
VDDC = 5 V, IOL = 24 mA
0.4
V
Output High Voltage, VOH
VDDC = 3.3 V, IOH = -18 mA
VDDC-0.4
V
Output High Voltage, VOL
VDDC = 3.3 V, IOL = 18 mA
0.4
V
Output High Voltage, VOH
VDDC = 2.5 V, IOH = -8 mA
VDDC-0.4
V
Output High Voltage, VOL
VDDC = 2.5 V, IOL = 8 mA
0.4
V
On-Chip Pull-up Resistor
OE
250
k
Operating Supply Current, IDDP
100 MHz, no load
1.5
mA
Operating Supply Current, IDDC
100 MHz, no load
8
mA
Note 1: VDDP must alwa s be greater than or equal to VDDC.
Parameter
Conditions
Minimum
Typical
Maximum
Units
ABSOLUTE MAXIMUM RATINGS (sttresses beyond these can permanentlly damage tthe device)
Supply Voltage, VDDP and VDDC
Referenced to GND
7
V
PECL Inputs
Referenced to GND
-0.5
VDDP+0.5
V
Clock Output and OE Pin
Referenced to GND
-0.5
VDDC+0.5
V
Ambient Operating Temperature
0
70
°C
ICS508MI only
-40
85
°C
Soldering Temperature
Max of 10 seconds
260
°C
Storage temperature
-65
150
°C
Electrical Specifications



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com