Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS508 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS508
Description  PECL to CMOS Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS508 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS508 Datasheet HTML 1Page - Integrated Circuit Systems ICS508 Datasheet HTML 2Page - Integrated Circuit Systems ICS508 Datasheet HTML 3Page - Integrated Circuit Systems ICS508 Datasheet HTML 4Page - Integrated Circuit Systems ICS508 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ICS508
PECL to CMOS Converter
MDS 508 C
4
Revision 012400
Printed 11/13/00
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose •CA•95126•(408) 295-9800tel • www.icst.com
PRELIMINARY INFORMATION
Parameter
Conditions
Minimum
Typical
Maximum
Units
AC CHARACTERISTICS (VDDP = VD
DDC = 3.3V unless oth
herwise noteed)
Input Frequency
0
250
MHz
Output Clock Rise Time, 0.8 to 2 V
VDDC = 5 V
0.4
ns
VDDC = 3.3 V
0.6
ns
VDDC = 2.5 V
1
ns
Output Clock Fall Time, 2 V to 0.8 V
VDDC = 5 V
0.4
ns
VDDC = 3.3 V
0.6
ns
VDDC = 2.5 V
1
ns
Output Enable Time, OE high to ouput on
7
20
ns
Output Disable Time, OE low to tri-state
7
20
ns
Propagation Delay
VDDP=5 V, VDDC=5 V
4
6
ns
VDDP=5 V, VDDC=3.3 V
4.5
7
ns
VDDP=5 V, VDDC=2.5 V
5.5
9
ns
VDDP=3.3 V, VDDC=3.3 V
4.5
7
ns
VDDP=3.3 V, VDDC=2.5 V
5.5
9
ns
Output Clock Duty Cycle, 0-100 MHz
Any VDD combination
45
55
%
Output Clock Duty Cycle, 100-166 MHz
VDDP=5 V, VDDC=5 V
45
55
%
VDDP=5 V, VDDC=3.3 V
45
55
%
VDDP=5 V, VDDC=2.5 V
40
60
%
VDDP=3.3 V, VDDC=3.3 V
40
60
%
VDDP=3.3 V, VDDC=2.5 V
45
55
%
Output Clock Duty Cycle, 166-250 MHz
VDDP=5 V, VDDC=5 V
40
60
%
VDDP=5 V, VDDC=3.3 V
40
60
%
VDDP=5 V, VDDC=2.5 V
35
65
%
VDDP=3.3 V, VDDC=3.3 V
35
65
%
VDDP=3.3 V, VDDC=2.5 V
40
60
%
Electrical Specifications



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com