Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD02 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STOD02
Description  Dual DC-DC converter for powering AMOLED display
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD02 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STOD02 Datasheet HTML 5Page - STMicroelectronics STOD02 Datasheet HTML 6Page - STMicroelectronics STOD02 Datasheet HTML 7Page - STMicroelectronics STOD02 Datasheet HTML 8Page - STMicroelectronics STOD02 Datasheet HTML 9Page - STMicroelectronics STOD02 Datasheet HTML 10Page - STMicroelectronics STOD02 Datasheet HTML 11Page - STMicroelectronics STOD02 Datasheet HTML 12Page - STMicroelectronics STOD02 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
STOD02
Electrical characteristics
Doc ID 15245 Rev 3
9/23
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ΔVO2
Ripple output voltage
range
IO2=5 to 100mA 0.5Vpp pulse signal
applied to VI at 200Hz; TDMA Noise
25
mV
IO2s
Maximum inverting
output current
VINA=2.5V to 2.9V
-120
mA
IO2
Maximum inverting
output current
VINA=2.9V to 4.5V
-150
mA
I-L2MAX
Ipeak current
VO2 below 10% of value set by S-wire
-1.2
-1.1
A
RDSONP2
TJ = -40 to 85°C
0.4
2.0
Ω
RDSONN2
TJ = -40 to 85°C
0.4
1.0
Ω
Thermal shutdown
OTP
Over temperature
protection
140
°C
OTPHYST
Over temperature
protection hysteresis
15
°C
Discharge resistor
RDIS
Discharge resistor
value
600
Ω
TDIS
Discharge time
6
ms
1.
[(VO1MAX - VO1MIN) / (VO1 at 25°C and VINA = 2.5 V)] x 100
2.
[(VO1MAX - VO1MIN) / (VO1 at 25°C and IO1 = 5 mA)] x 100
3.
[(VO2MAX - VO2MIN) / (VO2 at 25°C and VINA = 2.5 V)] x 100
4.
[(VO2MAX - VO2MIN) / (VO2 at 25°C and IO2 = 5 mA)] x 100
Table 6.
Electrical characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com