Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD02 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STOD02
Description  Dual DC-DC converter for powering AMOLED display
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD02 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STOD02 Datasheet HTML 7Page - STMicroelectronics STOD02 Datasheet HTML 8Page - STMicroelectronics STOD02 Datasheet HTML 9Page - STMicroelectronics STOD02 Datasheet HTML 10Page - STMicroelectronics STOD02 Datasheet HTML 11Page - STMicroelectronics STOD02 Datasheet HTML 12Page - STMicroelectronics STOD02 Datasheet HTML 13Page - STMicroelectronics STOD02 Datasheet HTML 14Page - STMicroelectronics STOD02 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
STOD02
S-wire protocol
Doc ID 15245 Rev 3
11/23
Figure 5.
Waveform
V
IH
V
IL
90%
10%
T
WK
T
OFF
T
f
T
ON
T
r
BIT= 1
BIT= 0
BIT= 0
V
IH
V
IL
90%
10%
T
WK
T
OFF
T
f
T
ON
T
r
BIT= 1
BIT= 0
BIT= 0
Table 8.
Time
Rating
Symbol
Min.
Typ.
Max.
Unit
Rising input high threshold voltage level
VIH
1.2
VINA
V
Falling input high threshold voltage level
VIL
00.6
V
Pull down resistor
RS-WIRE
150
k
Ω
Wake up delay
TWK
1µs
S-Wire rising time
Tr
200
ns
S-Wire falling time
Tf
200
ns
Clocked s-wire high
TON
245
µs
S-wire low
TOFF
275
µs
Input S-Wire frequency
FS-WIRE
400
kHz
Table 9.
Inverting output voltages
Bit clock
VO2 (V)
1-2.3
2-2.7
3-3.1
4-3.5
5-3.9
6-4.3
7-4.7
8-5.1
9-5.5
10
-5.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com