Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD02 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STOD02
Description  Dual DC-DC converter for powering AMOLED display
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD02 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STOD02 Datasheet HTML 10Page - STMicroelectronics STOD02 Datasheet HTML 11Page - STMicroelectronics STOD02 Datasheet HTML 12Page - STMicroelectronics STOD02 Datasheet HTML 13Page - STMicroelectronics STOD02 Datasheet HTML 14Page - STMicroelectronics STOD02 Datasheet HTML 15Page - STMicroelectronics STOD02 Datasheet HTML 16Page - STMicroelectronics STOD02 Datasheet HTML 17Page - STMicroelectronics STOD02 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Typical performance characteristics
STOD02
14/23
Doc ID 15245 Rev 3
Figure 13.
Quiescent current vs. temperature
Figure 14.
Input current vs. temperature
VEN=GND, VINA=VINP=3.7V
VEN=VINA=VINP=3.7V, IO1=IO2=NO LOAD, VO1=4.6V,
VO2=-4.9V
Figure 15.
Step-up line transient regulation
Figure 16.
Inverting line transient regulation
VEN=VINA=VINP=3.5V to 3V, IO1=100mA, IO2=NO LOAD,
VO1=4.6V, VO2=-4.9V, TR=TF=50µs
VEN=VINA=VINP=3.5V to 3V, IO1=NO LOAD, IO2=100mA,
VO1=4.6V, VO2=-4.9V, TR=TF=50µs
Figure 17.
Step-up load transient regulation
Figure 18.
Inverting load transient regulation
VEN=VINA=VINP=3.7V, IO1=3 to 30mA & IO1=30 to 3mA,
VO1=4.6V, VO2=-4.9V, IO2=NO LOAD, TR=TF=30µs
VEN=VINA=VINP=3.7V, IO2=3 to 30mA & IO2=30 to 3mA,
VO1=4.6V, VO2=-4.9V, IO1=NO LOAD, TR=TF=30µs
0.050
0.150
0.250
0.350
0.450
0.550
0.650
-40
-15
10
35
60
85
TEMP [°C]
0.050
0.150
0.250
0.350
0.450
0.550
0.650
-40
-15
10
35
60
85
TEMP [°C]
0.800
0.900
1.000
1.100
1.200
1.300
1.400
1.500
-40
-15
10
35
60
85
TEMP [°C]
0.800
0.900
1.000
1.100
1.200
1.300
1.400
1.500
-40
-15
10
35
60
85
TEMP [°C]
V
I
V
O1
V
I
V
O1
V
I
V
O2
V
I
V
O2
V
O1
I
O1
V
O1
I
O1
V
O2
I
O2
V
O2
I
O2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com