Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS553 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS553
Description  LOW SKEW 1 TO 4 CLOCK BUFFER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS553 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS553 Datasheet HTML 1Page - Integrated Circuit Systems ICS553 Datasheet HTML 2Page - Integrated Circuit Systems ICS553 Datasheet HTML 3Page - Integrated Circuit Systems ICS553 Datasheet HTML 4Page - Integrated Circuit Systems ICS553 Datasheet HTML 5Page - Integrated Circuit Systems ICS553 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LOW SKEW 1 TO 4 CLOCK BUFFER
MDS 553 B
2
Revision 052501
Int egrat ed C i rcuit Syste ms q 525 R a ce S t r eet, San Jose, CA 95126 q t e l (40 8 ) 295 -9800 q
w w w. icst . c om
ICS553
Pin Assignment
Pin Descriptions
External Components
A minimum number of external components are required for proper operation. A decoupling capacitor of
0.01
µF should be connected between VDD on pin 1 and GND on pin 4, as close to the device as possible.
A 33
Ω series terminating resistor may be used on each clock output if the trace is longer than 1 inch.
To achieve the low output skew that the ICS553 is capable of, careful attention must be paid to board
layout. Essentially, all 4 outputs must have identical terminations, identical loads and identical trace
geometries. If they do not, the output skew will be degraded. For example, using a 30
Ω series termination
on one output (with 33
Ω on the others) will cause at least 15ps of skew.
1
2
3
VDD
4
Q0
Q1
Q3
GND
Q2
ICLK
8
7
6
5
OE
8 Pi n (150 mi l) SOIC
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
VDD
Power
Connect to +2.5V, +3.3V or +5.0V.
2
Q0
Output
Clock Output 0
3
Q1
Output
Clock Output 1
4
GND
Power
Ground
5
ICLK
Input
Clock Input. 5V tolerant input.
6
Q2
Output
Clock Output 2
7
Q3
Output
Clock Output 3
8
OE
Input
Output Enable. Tri-states outputs when low.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com