Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS553 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS553
Description  LOW SKEW 1 TO 4 CLOCK BUFFER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS553 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS553 Datasheet HTML 1Page - Integrated Circuit Systems ICS553 Datasheet HTML 2Page - Integrated Circuit Systems ICS553 Datasheet HTML 3Page - Integrated Circuit Systems ICS553 Datasheet HTML 4Page - Integrated Circuit Systems ICS553 Datasheet HTML 5Page - Integrated Circuit Systems ICS553 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LOW SKEW 1 TO 4 CLOCK BUFFER
MDS 553 B
3
Revision 052501
Int egrat ed C i rcuit Syste ms q 525 R a ce S t r eet, San Jose, CA 95126 q t e l (40 8 ) 295 -9800 q
w w w. icst . c om
ICS553
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS553. These ratings, which
are standard values for ICS commercially rated parts, are stress ratings only. Functional operation of the
device at these or any other conditions above those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods can
affect product reliability. Electrical parameters are guaranteed only over the recommended operating
temperature range.
Recommended Operation Conditions
DC Electrical Characteristics
VDD=2.5V ±5%, Ambient temperature 0 to +70
°C, unless stated otherwise
Item
Rating
Supply Voltage, VDD
7V
All Inputs and Outputs
-0.5V to VDD+0.5V
Ambient Operating Temperature
0 to +70
°C
Storage Temperature
-65 to +150
°C
Junction Temperature
175
°C
Soldering Temperature
260
°C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature
0
–+70
°C
Power Supply Voltage (measured in respect to GND)
+2.375
+5.25
V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
2.375
2.625
V
Input High Voltage, ICLK
VIH
Note 1
VDD/2+0.5
5.5
V
Input Low Voltage, ICLK
VIL
Note 1
VDD/2-0.5
V
Input High Voltage, OE
VIH
2VDD
V
Input Low Voltage, OE
VIL
0.4
V
Output High Voltage
VOH
IOH = -16 mA
2
V
Output Low Voltage
VOL
IOL = 16 mA
0.5
V
Operating Supply Current
IDD
No load, 135 MHz
25
mA
Short Circuit Current
IOS
±28
mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com