Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS553 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS553
Description  LOW SKEW 1 TO 4 CLOCK BUFFER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS553 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS553 Datasheet HTML 1Page - Integrated Circuit Systems ICS553 Datasheet HTML 2Page - Integrated Circuit Systems ICS553 Datasheet HTML 3Page - Integrated Circuit Systems ICS553 Datasheet HTML 4Page - Integrated Circuit Systems ICS553 Datasheet HTML 5Page - Integrated Circuit Systems ICS553 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LOW SKEW 1 TO 4 CLOCK BUFFER
MDS 553 B
4
Revision 052501
Int egrat ed C i rcuit Syste ms q 525 R a ce S t r eet, San Jose, CA 95126 q t e l (40 8 ) 295 -9800 q
w w w. icst . c om
ICS553
DC Electrical Characteristics (continued)
VDD=3.3V ±5% , Ambient temperature 0 to +70
°C, unless stated otherwise
VDD=5V ±5% , Ambient temperature 0 to +70
°C, unless stated otherwise
Notes: 1. Nominal switching threshold is VDD/2
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.15
3.45
V
Input High Voltage, ICLK
VIH
Note 1
VDD/2+0.7
5.5
V
Input Low Voltage, ICLK
VIL
Note 1
VDD/2-0.7
V
Input High Voltage, OE
VIH
2VDD
V
Input Low Voltage, OE
VIL
0.4
V
Output High Voltage
VOH
IOH = -25 mA
2.4
V
Output Low Voltage
VOL
IOL = 25 mA
0.8
V
Output High Voltage (CMOS
Level)
VOH
IOH = -12 mA
VDD-0.4
V
Operating Supply Current
IDD
No load, 135 MHz
35
mA
Short Circuit Current
IOS
±50
mA
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
4.75
5.25
V
Input High Voltage, ICLK
VIH
Note 1
VDD/2+1
5.5
V
Input Low Voltage, ICLK
VIL
Note 1
VDD/2-1
V
Input High Voltage, OE
VIH
2VDD
V
Input Low Voltage, OE
VIL
0.4
V
Output High Voltage
VOH
IOH = -45 mA
2.4
V
Output Low Voltage
VOL
IOL = 45 mA
0.8
V
Output High Voltage (CMOS
Level)
VOH
IOH = -12 mA
VDD-0.4
V
Operating Supply Current
IDD
No load, 135 MHz
50
mA
Short Circuit Current
IOS
±80
mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com