Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS571 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS571
Description  Low Phase Noise Zero Delay Buffer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS571 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS571 Datasheet HTML 1Page - Integrated Circuit Systems ICS571 Datasheet HTML 2Page - Integrated Circuit Systems ICS571 Datasheet HTML 3Page - Integrated Circuit Systems ICS571 Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ICS571
Low Phase Noise Zero Delay Buffer
MDS 571 B
2
Revision 072899
Printed 11/14/00
Integrated Circuit Systems, Inc.•525 Race Street•San Jose•CA•95126•(408)295-9800tel•(408)295-9818fax
PRELIMINARY INFORMATION
Number
Name
Type
Description
1
ICLK
CI
Reference clock input.
2
VDD
P
Connect to +3.3V or +5V. Must be same as other VDD.
3
GND
P
Connect to ground.
4
CLK/2
O
Clock output per Table above. Low skew divide by two of pin 7 clock.
5
GND
P
Connect to ground.
6
VDD
P
Connect to +3.3V or +5V. Must be same as other VDD.
7
CLK
O
Clock output per Table above.
8
FBIN
CI
Feedback clock input. Connect to CLK or CLK/2 per table above.
Pin Descriptions
Key: CI = clock input, I = input, O = output, P = power supply connection
External Components
The ICS571 requires a 0.01 µF decoupling capacitor to be connected between VDD and GND on each
side of the chip (between pins 2 and 3, and also between pins 6 and 5). They must be connected close to
the ICS571 to minimize lead inductance. No external power supply filtering is required for this device.
A 33
Ω terminating resistor can be used next to each output pin.
Pin Assignment
1
8
2
3
4
7
6
5
ICLK
VDD
GND
CLK/2
FBIN
CLK
VDD
GND
Feedback From
CLK
CLK/2
Input Range
CLK
Input clock frequency
Input clock frequency/2
20 -160 MHz
CLK/2
2xInput clock frequency
Input clock frequency
10 - 80 MHz
Feedback Configuration Table and Frequency Ranges (at 3.3V)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com