Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS571 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS571
Description  Low Phase Noise Zero Delay Buffer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS571 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS571 Datasheet HTML 1Page - Integrated Circuit Systems ICS571 Datasheet HTML 2Page - Integrated Circuit Systems ICS571 Datasheet HTML 3Page - Integrated Circuit Systems ICS571 Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ICS571
Low Phase Noise Zero Delay Buffer
MDS 571 B
1
Revision 072899
Printed 11/14/00
Integrated Circuit Systems, Inc.•525 Race Street•San Jose•CA•95126•(408)295-9800tel•(408)295-9818fax
PRELIMINARY INFORMATION
• Packaged in 8 pin SOIC.
• Can function as low phase noise x2 multiplier.
• Low skew outputs. One is ÷2 of other.
• Input clock frequency up to 160 MHz at 3.3V.
• Phase noise of better than -100 dBc/Hz from
1kHz to 1MHz offset from carrier
• Can recover poor input clock duty cycle.
• Output clock duty cycle of 45/55 at 3.3V.
• High drive strength for >100 MHz outputs.
• Full CMOS clock swings with 25mA drive
capability at TTL levels.
• Advanced, low power CMOS process.
• Operating voltages of 3.0 to 5.5 V.
The ICS571 is a high speed, high output drive, low
phase noise Zero Delay Buffer (ZDB) which
integrates ICS’ proprietary analog/digital Phase
Locked Loop (PLL) techniques. ICS introduced
the world standard for these devices in 1992 with
the debut of the AV9170, and updated that with
the ICS570. The ICS571, part of ICS’
ClockBlocks™ family, was designed to operate at
higher frequencies, with faster rise and fall times,
and with lower phase noise. The zero delay feature
means that the rising edge of the input clock aligns
with the rising edges of both outputs, giving the
appearance of no delay through the device. There
are two outputs on the chip, one being a low-skew
divide by two of the other.
The chip is ideal for synchronizing outputs in a
large variety of systems, from personal computers
to data communications to video. By allowing off-
chip feedback paths, the ICS571 can eliminate the
delay through other devices. The use of dividers in
the feedback path will enable the part to multiply
by more than two.
Block Diagram
Description
Features
Phase
Detector,
Charge
Pump, and
Loop Filter
Voltage
Controlled
Oscillator
CLK
Output
Buffer
ICLK
CLK/2
Output
Buffer
FBIN
÷2
External feedback can come from CLK or CLK/2 (see table on page 2).


Similar Part No. - ICS571

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS571 IDT-ICS571 Datasheet
185Kb / 7P
Packaged in 8-pin SOIC
ICS571MLF IDT-ICS571MLF Datasheet
185Kb / 7P
LOW PHASE NOISE ZERO DELAY BUFFER
More results

Similar Description - ICS571

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS670-01 ICST-ICS670-01 Datasheet
84Kb / 5P
Low Phase Noise Zero Delay Buffer and Multiplier
Revision 100900
ICS670-02 ICST-ICS670-02 Datasheet
175Kb / 6P
LOW PHASE NOISE, ZERO DELAY BUFFER AND MULTIPLIER
Revision 031805
ICS670-03 ICST-ICS670-03 Datasheet
178Kb / 6P
LOW PHASE NOISE, ZERO DELAY BUFFER AND MULTIPLIER
ICS670-04 ICST-ICS670-04 Datasheet
176Kb / 6P
LOW PHASE NOISE, ZERO DELAY BUFFER AND MULTIPLIER
logo
List of Unclassifed Man...
670M-01ILFT ETC2-670M-01ILFT Datasheet
203Kb / 7P
LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
logo
Integrated Device Techn...
ICS571MLF IDT-ICS571MLF Datasheet
185Kb / 7P
LOW PHASE NOISE ZERO DELAY BUFFER
670M-03ILF IDT-670M-03ILF Datasheet
202Kb / 7P
LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
logo
Renesas Technology Corp
IDT5V60014 RENESAS-IDT5V60014 Datasheet
346Kb / 9P
LOW PHASE NOISE ZERO DELAY BUFFER
040609
ICS670-01 RENESAS-ICS670-01 Datasheet
245Kb / 8P
LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
012315
ICS670-04 RENESAS-ICS670-04 Datasheet
353Kb / 8P
LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
051310
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com