Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS571 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS571
Description  Low Phase Noise Zero Delay Buffer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS571 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS571 Datasheet HTML 1Page - Integrated Circuit Systems ICS571 Datasheet HTML 2Page - Integrated Circuit Systems ICS571 Datasheet HTML 3Page - Integrated Circuit Systems ICS571 Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ICS571
Low Phase Noise Zero Delay Buffer
MDS 571 B
3
Revision 072899
Printed 11/14/00
Integrated Circuit Systems, Inc.•525 Race Street•San Jose•CA•95126•(408)295-9800tel•(408)295-9818fax
PRELIMINARY INFORMATION
Electrical Specifications
Parameter
Conditions
Minimum
Typical
Maximum
Units
ABSOLUTE MAXIMUM RATINGS (Note 1)
ABSOLUTE MAXIMUM RATINGS (Note 1)
Supply Voltage, VDD
Referenced to GND
7
V
Inputs
Referenced to GND
-0.5
VDD+0.5
V
Clock Output
Referenced to GND
-0.5
VDD+0.5
V
Ambient Operating Temperature
0
70
°C
Soldering Temperature
Max of 10 seconds
260
°C
Storage temperature
-65
150
°C
DC CHARACTERISTICS (VDD = 5.0V or 3.3V unless otherwise noted)
DC CHARACTERISTICS (VDD = 5.0V or 3.3V unless otherwise noted)
DC CHARACTERISTICS (VDD = 5.0V or 3.3V unless otherwise noted)
Operating Voltage, VDD
3
5.5
V
Input High Voltage, VIH, ICLK, FBIN
Pins 1, 8
VDD/2+1
VDD/2
V
Input Low Voltage, VIL, ICLK, FBIN
Pins 1, 8
VDD/2
VDD/2-1
V
Output High Voltage, VOH, CMOS level
IOH=-4mA
VDD-0.4
V
Output High Voltage, VOH
IOH=-25mA
2.4
V
Output Low Voltage, VOL
IOL=25mA
0.4
V
IDD Operating Supply Current, 133 in, 133 out
No Load, 3.3V
34
mA
IDD Operating Supply Current, 50 in, 100 out
No Load, 3.3V
26
mA
Short Circuit Current
Each Output
±100
mA
Input Capacitance, ICLK, FBIN
5
pF
AC CHARACTERISTICS (VDD = 5.0V or 3.3V unless otherwise noted)
AC CHARACTERISTICS (VDD = 5.0V or 3.3V unless otherwise noted)
AC CHARACTERISTICS (VDD = 5.0V or 3.3V unless otherwise noted)
Input Frequency, clock input
FB from CLK
20
160
MHz
Input Frequency, clock input
FB from CLK/2
10
80
MHz
Skew CLK/2 with respect to CLK
Note 2
150
500
850
ps
Input clock to output connected to FBIN
Note 2
-500
500
ps
Output Clock Rise Time, 5V
0.8 to 2.0V, 15 pF load
0.3
ns
Output Clock Fall Time, 5V
2.0 to 0.8V, 15 pF load
0.4
ns
Output Clock Rise Time, 3.3V
0.8 to 2.0V, 15 pF load
0.45
ns
Output Clock Fall Time, 3.3V
2.0 to 0.8V, 15 pF load
0.55
ns
Output Clock Duty Cycle, 5V
at VDD/2
40
52 to 55
60
%
Output Clock Duty Cycle, 3.3V
at VDD/2
45
49 to 51
55
%
Absolute Clock Period Jitter, CLK, note 3
Deviation from mean
±80
ps
One Sigma Clock Period Jitter, CLK, note 3
50
ps
Phase Noise, relative to carrier
1kHz offset
-105
dBc/Hz
Phase Noise, relative to carrier
100kHz offset
-115
dBc/Hz
Notes:
1. Stresses beyond these can permanently damage the device.
2. Assumes clocks with same rise time, measured from rising edges at VDD/2. Measured with 33
Ω
termination resistors and 15 pF loads. Applies to both 3.3V and 5V operation.
3. CLK/2 has lower jitter (both absolute and one sigma, in ps) than CLK.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com