Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS574 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS574
Description  Zero Delay, Low Skew Buffer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS574 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS574 Datasheet HTML 1Page - Integrated Circuit Systems ICS574 Datasheet HTML 2Page - Integrated Circuit Systems ICS574 Datasheet HTML 3Page - Integrated Circuit Systems ICS574 Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ICS574
Zero Delay, Low Skew Buffer
MDS 574 B
2
Revision 051801
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose • CA • 95126 • (408)295-9800 • www.icst.com
Pin Descriptions
Key: I = Input; O = output; P = power supply connection.
External Components
The ICS574 requires a minimum number of external components for proper operation. Decoupling capacitors of
0.1µF should be connected between VDD and GND on pins 4 and 5, as close to the device as possible. A series
termination resistor of 33
Ω may be used close to the pin for each clock output to reduce reflections.
Standard 8 pin SOIC
Number
Name
Type
Description
1
CLKIN
I
Clock input. Connect to input clock source.
2, 3, 6, 7
CLK1:4
O
Four clock outputs.
5
VDD
P
Power supply. Connect both pins to same voltage (either 3.3V or 5V).
4
GND
P
Connect to ground.
8
FBIN
I
Feedback input.
Pin Assignment
1
8
2
3
4
7
6
5
CLKIN
CLK1
CLK2
GND
CLK4
CLK3
VDD
FBIN



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com