Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS574 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS574
Description  Zero Delay, Low Skew Buffer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS574 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS574 Datasheet HTML 1Page - Integrated Circuit Systems ICS574 Datasheet HTML 2Page - Integrated Circuit Systems ICS574 Datasheet HTML 3Page - Integrated Circuit Systems ICS574 Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ICS574
Zero Delay, Low Skew Buffer
MDS 574 B
3
Revision 051801
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose • CA • 95126 • (408)295-9800 • www.icst.com
Parameter
Conditions
Minimum
Typical
Maximum Units
ABSOLUTE MAXIMUM RATINGS (note 1)
ABSOLUTE MAXIMUM RATINGS (note 1)
Supply voltage, VDD
Referenced to GND
-0.5
7
V
Inputs and Clock Outputs
Referenced to GND
-0.5
VDD+0.5
V
Electrostatic Discharge
MIL-STD-883
2000
V
Ambient Operating Temperature
0
70
°C
Soldering Temperature
Max of 10 seconds
260
°C
Junction temperature
150
°C
Storage temperature
-65
150
°C
DC CHARACTERISTICS (VDD = 3.3 V unless specified otherwise)
DC CHARACTERISTICS (VDD = 3.3 V unless specified otherwise)
DC CHARACTERISTICS (VDD = 3.3 V unless specified otherwise)
Operating Voltage, VDD
3.00
5.50
V
Input High Voltage, VIH
VDD/2+1
V
Input Low Voltage, VIL
VDD/2-1
V
Output High Voltage, VOH
IOH=-18 mA
2.4
V
Output Low Voltage, VOL
IOL=18 mA
0.4
V
Output High Voltage, VOH, CMOS level
IOH=-5 mA
VDD-0.4
V
Operating Supply Current, IDD (Note 2)
No Load
36
mA
Short Circuit Current
Each output
±65
mA
Input Capacitance
7
pF
AC CHARACTERISTICS (VDD = 3.3 V unless specified otherwise)
AC CHARACTERISTICS (VDD = 3.3 V unless specified otherwise)
AC CHARACTERISTICS (VDD = 3.3 V unless specified otherwise)
Input Clock Frequency
FBIN to CLK1
20
160
MHz
Output Clock Frequency
FBIN to CLK1
20
160
MHz
Output Clock Rise Time, CL=30pF
0.8 to 2.0V
1.5
ns
Output Clock Fall Time, CL=30pF
2.0 to 0.8V
1.5
ns
Output Clock Duty Cycle, VDD=3.3V
At 1.4V
40
50
60
%
Device to Device Skew, equally loaded
rising edges at VDD/2
700
ps
Output to Output Skew, equally loaded
rising edges at VDD/2
150
ps
Maximum Absolute Jitter
150
ps
Cycle to Cycle Jitter, 30pF loads
66.67 MHz outputs
250
ps
Electrical Specifications
Notes: 1. Stresses beyond those listed under Absolute Maximum Ratings could cause permanent damage to the
device. Prolonged exposure to levels above the operating limits but below the Absolute Maximums may
affect device reliability.
2. With CLKIN = 160 MHz, FBIN to CLK4
Using Spread Spectrum Input Clocks
The ICS574 uses ICS’ Spread Smart technology, allowing it to accurately track (pass through) any clocks that
implement spread spectrum techniques.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com