Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS574 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS574
Description  Zero Delay, Low Skew Buffer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS574 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS574 Datasheet HTML 1Page - Integrated Circuit Systems ICS574 Datasheet HTML 2Page - Integrated Circuit Systems ICS574 Datasheet HTML 3Page - Integrated Circuit Systems ICS574 Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ICS574
Zero Delay, Low Skew Buffer
MDS 574 B
1
Revision 051801
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose • CA • 95126 • (408)295-9800 • www.icst.com
Block Diagram
Description
Features
The ICS574 is a low jitter, low-skew, high performance
PLL-based
zero
delay
buffer
for
high
speed
applications. Based on ICS’s proprietary low jitter
Phase Locked Loop (PLL) techniques, the device
provides four low skew outputs at speeds up to 160
MHz at 3.3 V. When one of the outputs is connected
directly to FBIN, the rising edge of each output is
aligned with the rising edge of the input clock. External
delay elements connected in the feedback loops will
cause the outputs to occur before the inputs by the
amount of propagation delay of the external element.
ICS
manufactures
the
largest
variety
of
clock
generators and buffers, and is the largest clock
supplier in the world.
• Packaged in 8 pin narrow SOIC
• Zero input-to-output delay
• Four 1X outputs
• Output to output skew is less than 150 ps
• Output clocks up to 160 MHz at 3.3 V
• External feedback path for output edge placement
• Spread Smart™ technology works with spread
spectrum clock generators
• Full CMOS outputs with 18 mA output drive
capability at TTL levels at 3.3 V
• Advanced, low power, sub-micron CMOS process
• Operating voltage from 3.0 to 5.5 V
CLK1
CLK2
CLK3
CLK4
PLL
FBIN
CLKIN


Similar Part No. - ICS574

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS574 IDT-ICS574 Datasheet
168Kb / 7P
Zero input-to-output delay
ICS574MLFT IDT-ICS574MLFT Datasheet
168Kb / 7P
ZERO DELAY, LOW SKEW BUFFER
More results

Similar Description - ICS574

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9112-18 ICST-ICS9112-18 Datasheet
62Kb / 4P
Zero Delay, Low Skew Buffer
Revision 050400
ICS671-15 ICST-ICS671-15 Datasheet
137Kb / 6P
ZERO DELAY, LOW SKEW BUFFER
MK2304-2 ICST-MK2304-2 Datasheet
134Kb / 5P
ZERO DELAY, LOW SKEW BUFFER
Revision 050306
MK2308-2 ICST-MK2308-2 Datasheet
121Kb / 5P
ZERO DELAY LOW SKEW BUFFER
Revision 111103
logo
Integrated Device Techn...
ICS574MLFT IDT-ICS574MLFT Datasheet
168Kb / 7P
ZERO DELAY, LOW SKEW BUFFER
logo
Micrel Semiconductor
PL123-09OC MICREL-PL123-09OC Datasheet
392Kb / 9P
Low Skew Zero Delay Buffer
PL123-05SC MICREL-PL123-05SC Datasheet
392Kb / 9P
Low Skew Zero Delay Buffer
logo
Renesas Technology Corp
MK2304-1 RENESAS-MK2304-1 Datasheet
253Kb / 9P
ZERO DELAY, LOW SKEW BUFFER
072710
MK2304-2 RENESAS-MK2304-2 Datasheet
330Kb / 7P
ZERO DELAY, LOW SKEW BUFFER
051310
MK2308-2 RENESAS-MK2308-2 Datasheet
333Kb / 7P
ZERO DELAY, LOW SKEW BUFFER
051310
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com