Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS670M-01 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS670M-01
Description  Low Phase Noise Zero Delay Buffer and Multiplier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS670M-01 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS670M-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS670M-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS670M-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS670M-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS670M-01 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ICS670-01
Low Phase Noise Zero Delay Buffer and Multiplier
MDS 670-01 B
2
Revision 100900
Printed 11/15/00
Integrated Circuit Systems • 525 Race Street • San Jose •CA•95126•(408) 295-9800tel•http://www.icst.com
Pin Descriptions
Pin Assignment
ICS670-01
0=connect directly to ground
1=connect directl to VDD
S3
S2
S1
S0
CLK2 (and FBCLK)
Input Range (MHz)
0000
Low (Power down entire chip)
-
0001
Input x1.333
18 - 120
0010
Input x6
5 - 26.67
0011
Input x1.5
16.67 - 107
0100
Input x3.333
7.5 - 48
0101
Input x2.50
10 - 64
0110
Input x4
6 - 40
0111
Input x1
25 - 160
1000
Input x2.333
11 - 69
1001
Input x2.666
10 - 60
1010
Input x12
5 - 13.33
1011
Input x3
8 - 53.33
1100
Input x10
5 - 16
1101
Input x5
6 - 32
1110
Input x8
5 - 20
1111
Input x2
12 - 80
Multiplier Select Table
1
8
9
16
2
3
4
5
6
7
10
11
12
13
14
15
S2
GND
GND
S0
S1
OE1
FBCLK
VDD
VDD
VDD
FBIN
S3
GND
ICLK
CLK2
OE2
Key: I = Input with internal pull-up resistor; O = output; P = power supply connection; CI = clock input.
Number
Name
Type
Description
1
VDD
P
Connect to +3.3V or +5V. Must match other VDDs.
2
VDD
P
Connect to +3.3V or +5V. Must match other VDDs.
3
VDD
P
Connect to +3.3V or +5V. Must match other VDDs.
4
CLK2
O
Clock output from VCO. Output frequency equals the input frequency times multiplier.
5
OE2
I
Output clock enable 2. Tri-states the clock 2 output when low.
6
FBCLK
O
Clock ouput from VCO. Output frequency equals the input frequency times multiplier.
7
OE1
I
Output clock enable 1. Tri-states the feedback clock output when low.
8
FBIN
CI
Feedback clock input.
9
ICLK
CI
Clock input. Connect to a 5 - 160 MHz clock.
10
S3
I
Multiplier select pin 3. Determines outputs per table above. Internal pull-up.
11
S2
I
Multiplier select pin 2. Determines outputs per table above. Internal pull-up.
12
S1
I
Multiplier select pin 1. Determines outputs per table above. Internal pull-up.
13
S0
I
Multiplier select pin 0. Determines outputs per table above. Internal pull-up.
14
GND
P
Connect to ground.
15
GND
P
Connect to ground.
16
GND
P
Connect to ground.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com