Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS670M-01 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS670M-01
Description  Low Phase Noise Zero Delay Buffer and Multiplier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS670M-01 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS670M-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS670M-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS670M-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS670M-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS670M-01 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ICS670-01
Low Phase Noise Zero Delay Buffer and Multiplier
MDS 670-01 B
1
Revision 100900
Printed 11/15/00
Integrated Circuit Systems • 525 Race Street • San Jose •CA•95126•(408) 295-9800tel•http://www.icst.com
Block Diagram
Description
Features
• Packaged in 16 pin SOIC
• Clock inputs from 5 to 160 MHz (see page 2)
• Patented PLL with the lowest phase noise
• Output clocks up to 160 MHz at 3.3 V
• 15 selectable on-chip multipliers
• Power down mode available
• Low phase noise: -124 dBc/Hz at 10 kHz
• Output Enable function tri-states outputs
• Low jitter 15 ps one sigma
• Full swing CMOS outputs with 25 mA drive
capability at TTL levels
• Advanced, low power, sub-micron CMOS process
• Industrial temperature version available
• 3.3 V or 5 V operation
Phase
Detector,
Charge
Pump, and
Loop Filter
Voltage
Controlled
Oscillator
FBCLK
Output
Buffer
ICLK
CLK2
Output
Buffer
FBIN
External feedback from FBCLK is recommended.
OE1
OE2
The ICS670-01 is a high speed, low phase noise
Zero Delay Buffer (ZDB) which integrates ICS’
proprietary analog/digital Phase Locked Loop
(PLL) techniques. Part of ICS’ ClockBlocks™
family, the zero delay feature means that the rising
edge of the input clock aligns with the rising edges
of the outputs, giving the appearance of no delay
through the device. There are two identical outputs
on the chip. The FBCLK should be used to
connect to the FBIN. Each output has its own
output enable pin.
The chip is ideal for synchronizing outputs in a
large variety of systems, from personal computers
to data communications to video. By allowing off-
chip feedback paths, the ICS670-01 can eliminate
the delay through other devices. The 15 different
on-chip multipliers work in a variety of
applications. For other multipliers, including
fractional multipliers, see the ICS527.
ROM-
Based
Multipliers
4
S3:S0


Similar Part No. - ICS670M-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS670M-02 ICST-ICS670M-02 Datasheet
175Kb / 6P
LOW PHASE NOISE, ZERO DELAY BUFFER AND MULTIPLIER
Revision 031805
ICS670M-02LF ICST-ICS670M-02LF Datasheet
175Kb / 6P
LOW PHASE NOISE, ZERO DELAY BUFFER AND MULTIPLIER
Revision 031805
ICS670M-02LFT ICST-ICS670M-02LFT Datasheet
175Kb / 6P
LOW PHASE NOISE, ZERO DELAY BUFFER AND MULTIPLIER
Revision 031805
ICS670M-02T ICST-ICS670M-02T Datasheet
175Kb / 6P
LOW PHASE NOISE, ZERO DELAY BUFFER AND MULTIPLIER
Revision 031805
ICS670M-03I ICST-ICS670M-03I Datasheet
178Kb / 6P
LOW PHASE NOISE, ZERO DELAY BUFFER AND MULTIPLIER
More results

Similar Description - ICS670M-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS670-02 ICST-ICS670-02 Datasheet
175Kb / 6P
LOW PHASE NOISE, ZERO DELAY BUFFER AND MULTIPLIER
Revision 031805
ICS670-03 ICST-ICS670-03 Datasheet
178Kb / 6P
LOW PHASE NOISE, ZERO DELAY BUFFER AND MULTIPLIER
ICS670-04 ICST-ICS670-04 Datasheet
176Kb / 6P
LOW PHASE NOISE, ZERO DELAY BUFFER AND MULTIPLIER
logo
Integrated Device Techn...
ICS570-01 IDT-ICS570-01 Datasheet
164Kb / 7P
MULTIPLIER AND ZERO DELAY BUFFER
logo
List of Unclassifed Man...
670M-01ILFT ETC2-670M-01ILFT Datasheet
203Kb / 7P
LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
logo
Integrated Device Techn...
670M-03ILF IDT-670M-03ILF Datasheet
202Kb / 7P
LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
logo
Renesas Technology Corp
ICS670-01 RENESAS-ICS670-01 Datasheet
245Kb / 8P
LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
012315
ICS670-03 RENESAS-ICS670-03 Datasheet
344Kb / 8P
LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
051310
ICS670-04 RENESAS-ICS670-04 Datasheet
353Kb / 8P
LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
051310
ICS670-02 RENESAS-ICS670-02 Datasheet
342Kb / 8P
LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
REV J 051310
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com