Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS670M-01 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS670M-01
Description  Low Phase Noise Zero Delay Buffer and Multiplier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS670M-01 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS670M-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS670M-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS670M-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS670M-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS670M-01 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ICS670-01
Low Phase Noise Zero Delay Buffer and Multiplier
MDS 670-01 B
3
Revision 100900
Printed 11/15/00
Integrated Circuit Systems • 525 Race Street • San Jose •CA•95126•(408) 295-9800tel•http://www.icst.com
Parameter
Conditions
Minimum
Typical
Maximum
Units
ABSOLUTE MAXIMUM RATINGS (n
note 1)
Supply voltage, VDD
Referenced to GND
7
V
Inputs and Clock Outputs
Referenced to GND
-0.5
VDD+0.5
V
Ambient Operating Temperature
0
70
°C
Ambient Operating Temperature, ICS670M-01I Industrial temperature
-40
85
°C
Soldering Temperature
Max of 10 seconds
260
°C
Storage temperature
-65
150
°C
DC CHARACTERISTICS (VDD = 3.3 V unless noted)
Operating Voltage, VDD
3.0
5.5
V
Input High Voltage, VIH
2
V
Input Low Voltage, VIL
0.8
V
Output High Voltage, VOH, CMOS level
IOH=-4mA
VDD-0.4
V
Output High Voltage, VOH
IOH=-12mA
2.4
V
Output Low Voltage, VOL
IOL=12mA
0.4
V
Operating Supply Current, IDD
No Load
35
mA
Short Circuit Current
Each output
±50
mA
Internal Pull-up Resistor
OE, select pins
200
k
Ω
Input Capacitance
OE, select pins
5
pF
AC CHARACTERISTICS (VDD = 3.3 V
V unless noted)
Input Frequency (see table on page 2)
Depends on multiplier
5
160
MHz
Output Frequency
at 3.3V or 5V
160
MHz
Output Clock Rise Time
0.8 to 2.0V, no load
1.5
ns
Output Clock Fall Time
0.8 to 2.0V, no load
1.5
ns
Output Clock Duty Cycle
At VDD/2
45
50
55
%
Input to output skew, rising edges
Note 2
±100
ps
Maximum Absolute Jitter, short term
±45
ps
Maximum Jitter, one sigma
15
ps
Phase Noise, relative to carrier, 125 MHz (x5)
100 Hz offset
-110
dBc/Hz
Phase Noise, relative to carrier, 125 MHz (x5)
1 kHz offset
-122
dBc/Hz
Phase Noise, relative to carrier, 125 MHz (x5)
10 kHz offset
-121
dBc/Hz
Phase Noise, relative to carrier, 125 MHz (x5)
100 kHz offset
-117
dBc/Hz
Electrical Specifications
Notes:
1. Stresses beyond those listed under Absolute Maximum Ratings could cause permanent damage to the device. Prolonged
exposure to levels above the operating limits but below the Absolute Maximums may affect device reliability.
2. Rising edge of ICLK compared with rising edge of CLK2, with FBCLK connected to FBIN, and 15 pF load on CLK2.
See the graph on page 4 for skew versus frequency and loading.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com