Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C32-FDW5TP Datasheet(PDF) 24 Page - STMicroelectronics

Part # M24C32-FDW5TP
Description  32-Kbit serial IC bus EEPROM
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C32-FDW5TP Datasheet(HTML) 24 Page - STMicroelectronics

Back Button M24C32-FDW5TP Datasheet HTML 20Page - STMicroelectronics M24C32-FDW5TP Datasheet HTML 21Page - STMicroelectronics M24C32-FDW5TP Datasheet HTML 22Page - STMicroelectronics M24C32-FDW5TP Datasheet HTML 23Page - STMicroelectronics M24C32-FDW5TP Datasheet HTML 24Page - STMicroelectronics M24C32-FDW5TP Datasheet HTML 25Page - STMicroelectronics M24C32-FDW5TP Datasheet HTML 26Page - STMicroelectronics M24C32-FDW5TP Datasheet HTML 27Page - STMicroelectronics M24C32-FDW5TP Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
DC and AC parameters
M24C32-W M24C32-R M24C32-F M24C32-X M24C32-DF
24/42
DocID4578 Rev 24
Figure 11. AC measurement I/O waveform
Table 10. Input parameters
Symbol
Parameter(1)
1. Characterized only, not tested in production.
Test condition
Min.
Max.
Unit
CIN
Input capacitance (SDA)
-
-
8
pF
CIN
Input capacitance (other pins)
-
-
6
pF
ZL
Input impedance (E2, E1, E0, WC)(2)
2. E2, E1, E0 input impedance when the memory is selected (after a Start condition).
VIN < 0.3 VCC
30
-
k
Ω
ZH
VIN > 0.7 VCC
500
-
k
Ω
Table 11. AC measurement conditions
Symbol
Parameter
Min.
Max.
Unit
Cbus
Load capacitance
100
pF
SCL input rise/fall time, SDA input fall time
-
50
ns
Input levels
0.2 VCC to 0.8 VCC
V
Input and output timing reference levels
0.3 VCC to 0.7 VCC
V
Table 12. Cycling performance
Symbol
Parameter
Test condition
Max.
Unit
Ncycle
Write cycle
endurance(1)
1. The Write cycle endurance is defined by characterization and qualification. For devices embedding the
ECC functionality (see Chapter 5.1.5), the write cycle endurance is defined for group of four bytes located
at addresses [4*N, 4*N+1, 4*N+2, 4*N+3] where N is an integer.
TA ≤ 25 °C, VCC(min) < VCC < VCC(max)
4,000,000(2)
2. Cycling performance for products identified by process letter K or T (previous products were specified with
1 million cycles at 25 °C).
Write cycle(3)
3. A Write cycle is executed when either a Page Write, a Byte write, a Write Identification Page or a Lock
Identification Page instruction is decoded. When using the Byte Write, the Page Write or the Write
Identification Page, refer also to Section 5.1.5: ECC (Error Correction Code) and Write cycling
TA = 85 °C, VCC(min) < VCC < VCC(max)
1,200,000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com