Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C32-FDW5TP Datasheet(PDF) 33 Page - STMicroelectronics

Part # M24C32-FDW5TP
Description  32-Kbit serial IC bus EEPROM
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C32-FDW5TP Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M24C32-FDW5TP Datasheet HTML 29Page - STMicroelectronics M24C32-FDW5TP Datasheet HTML 30Page - STMicroelectronics M24C32-FDW5TP Datasheet HTML 31Page - STMicroelectronics M24C32-FDW5TP Datasheet HTML 32Page - STMicroelectronics M24C32-FDW5TP Datasheet HTML 33Page - STMicroelectronics M24C32-FDW5TP Datasheet HTML 34Page - STMicroelectronics M24C32-FDW5TP Datasheet HTML 35Page - STMicroelectronics M24C32-FDW5TP Datasheet HTML 36Page - STMicroelectronics M24C32-FDW5TP Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
DocID4578 Rev 24
33/42
M24C32-W M24C32-R M24C32-F M24C32-X M24C32-DF
Package mechanical data
41
9
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
For die information concerning the M24C32 delivered in unsawn wafer, please contact your
nearest ST Sales Office.
Figure 15. UFDFPN5 (MLP5) – package outline (UFDFPN: Ultra thin Fine pitch
Dual Flat Package, No lead)
1. On the bottom side, pin 1 is identified by the specific pad shape and, on the top side, pin 1 is defined from
the orientation of the marking: when reading the marking, pin 1 is below the upper left package corner.
Table 20. UFDFPN5 (MLP5) – package dimensions (UFDFPN: Ultra thin Fine pitch
Dual Flat Package, No lead)
Symbol
millimeters
inches(1)
1. Values in inches are converted from mm and rounded to four decimal digits.
Typ
Min
Max
Typ
Min
Max
A
0.550
0.500
0.600
0.0217
0.0197
0.0236
A1
–
0
0.050
–
0
0.0020
b
0.220
0.180
0.260
0.0087
0.0071
0.0102
D
1.700
1.600
1.800
0.0669
0.0630
0.0709
D1
1.500
1.400
1.600
0.0591
0.0551
0.0630
E
1.400
1.300
1.500
0.0551
0.0512
0.0591
E1
0.220
0.180
0.260
0.0087
0.0071
0.0102
e
0.400
–
–
0.0157
–
–
L
0.550
0.500
0.600
0.0217
0.0197
0.0236
k
0.400
–
–
0.0157
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com