Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C32-FDW5TP Datasheet(PDF) 40 Page - STMicroelectronics

Part # M24C32-FDW5TP
Description  32-Kbit serial IC bus EEPROM
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C32-FDW5TP Datasheet(HTML) 40 Page - STMicroelectronics

Back Button M24C32-FDW5TP Datasheet HTML 34Page - STMicroelectronics M24C32-FDW5TP Datasheet HTML 35Page - STMicroelectronics M24C32-FDW5TP Datasheet HTML 36Page - STMicroelectronics M24C32-FDW5TP Datasheet HTML 37Page - STMicroelectronics M24C32-FDW5TP Datasheet HTML 38Page - STMicroelectronics M24C32-FDW5TP Datasheet HTML 39Page - STMicroelectronics M24C32-FDW5TP Datasheet HTML 40Page - STMicroelectronics M24C32-FDW5TP Datasheet HTML 41Page - STMicroelectronics M24C32-FDW5TP Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
Revision history
M24C32-W M24C32-R M24C32-F M24C32-X M24C32-DF
40/42
DocID4578 Rev 24
11
Revision history
Table 27. Document revision history
Date
Revision
Changes
18-Mar-2011
18
Added:
– M24C32-DF and all information concerning the Identification Page:
sections 4.9, 4.10, 4.17, 4.18
– ECC section 4.11
– AC table with clock frequency of 1 MHz (Table 18)
– Table 4: Device select code
Updated:
– Section 1: Description
– Section 4.5: Memory addressing
– Section 4.18: Read the lock status (M24C32-D)
– Table 6: Absolute maximum ratings
– AC/DC tables 13, 17 with values specific to the device identified with
process letter K
Deleted:
– Table 2: Device select code
– Table 23: Available M24C32 products (package, voltage range,
temperature grade)
14-Sep-2011
19
Updated:
– Figure 4: I2C Fast mode (fC = 400 kHz): maximum Rbus value versus
bus parasitic capacitance (Cbus)
– Figure 5: I2C Fast mode Plus (fC = 1 MHz): maximum Rbus value
versus bus parasitic capacitance (Cbus)
Added tWLDL and tDHWH in:
– Table 17: 400 kHz AC characteristics
– Table 18: 1 MHz AC characteristics
– Figure 13: AC waveforms
Minor text changes.
21-May-2012
20
Datasheet split into:
– M24C32-DF, M24C32-W, M24C32-R,M24C32-F (this datasheet) for
standard products (range 6),
– M24C32-125 datasheet for automotive products (range 3).
25-Jul-2012
21
Added reference M24C32-X.
Updated:
– AC and DC tables in Section 8: DC and AC parameters.
– Figure 56.: M24C16-FCS5TP/S WLCSP 5 bumps package outline.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com